Electronic Components Datasheet Search |
|
PC8221C-12SAT Datasheet(PDF) 1 Page - Picker Components |
|
PC8221C-12SAT Datasheet(HTML) 1 Page - Picker Components |
1 / 2 page Miniature Automotive PCB Power Relay FEATURES Miniature design 1 A, 1 B and 1 C contact forms available 45 Amps continuous carrying capacity Contact switching capacity up to 100 Amps Up to 125 degrees C operating temperature Both US and European footprints available PC822 Max. Switching Voltage 16 VDC 1 Form A or 1 Form C CONTACT RATINGS CHARACTERISTICS Operate Time 5 ms. typical Release Time Insulation Resistance 3 ms. typical 100 megohms min, at 500VDC, 50%RH Dielectric Strength 500 Vrms, 1 min. between coil and contacts Shock Resistance 20 g, 11ms, functional; 200 g, destructive Vibration Resistance DA 1.5 mm, 20 - 200 Hz functional Power Consumption 1.5 W approx. Ambient Temperature Range -40 to 125 degrees C operating, -40 to 155 storage Weight Open: 18 grams; Enclosed: 23 grams approx. Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 PC822 Rev B 4-13-04 PAGE 1 ORDERING INFORMATION Example: PC822 Model -1C Open frame, Sealed or Dust cover available Contact Form Contact Material -12 CONTACT DATA Material Initial Contact Resistance Service Life Mechanical Electrical AgSnOInO (Silver Tin Oxide Indium Oxide) 100 milliohms max @ 0.1A, 6VDC 1 X 107 2 X 10 5 Operations Operations Normally Open Nil: AgNiO 15; C: AgCdO; T: AgSnOInO Coil Voltage S Contact Form Max Switching Current Break 60 Amps Make 100 Amps 45 Amps AgNiO 15 (Silver Nickel Oxide 15%) Max. Continuous Current Minimum Load 0.5 A @ 12 VDC Nil: Open Frame; S: Sealed; C: Dust Cover Enclosure -A Drop Resistance 1 Meter height drop on concrete in final enclosure 1A, 1B or 1C Normally Closed Break 30 Amps Make 30 Amps 16 VDC 30 Amps Footprint A: US; E: European T |
Similar Part No. - PC8221C-12SAT |
|
Similar Description - PC8221C-12SAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |