Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7392XDBT Datasheet(PDF) 3 Page - Picker Components

Part # PC7392XDBT
Description  Heavy Duty Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7392XDBT Datasheet(HTML) 3 Page - Picker Components

  PC7392XDBT Datasheet HTML 1Page - Picker Components PC7392XDBT Datasheet HTML 2Page - Picker Components PC7392XDBT Datasheet HTML 3Page - Picker Components PC7392XDBT Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC739
PC739
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 3
1
2
3
4
6
5
(40.0)
1.575
(8.0)
.315
( 4.5 DIA.)
.177 DIA Two Places
(51.5)
2.03
(36.0)
1.42
(0.8)
.032
(10.4)
.410
(14.4)
.567
(36.4)
1.43
(6.35)
.250
(0.8)
.032
(3.5)
.138
(34.6)
1.36
(9.0)
.354
(2.8)
.110
(0.8)
.032
(14.4)
.567
(36.4)
1.43
(40.0)
1.575
Overall Dimensions
Inches (millimeters)
Quick Connect
PC Terminal
(36.4)
1.43
(14.4)
.567
(19.0)
.748
(19.0)
.748
PC Board Hole Pattern
1 Form X
2 Form X
All Holes
.043 X .130
(1.1 X 3.3)
1 Form X
2 Form X
8
6
4
2
COIL
COIL
1
0
1
0
Wiring Schematic
Notes:
Tolerances + .010 unless otherwise noted
(40.0)
1.575
(40.0)
1.575
1
2
3
4
6
5
6
4
(14.4)
.567


Similar Part No. - PC7392XDBT

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C PICKER-PC7311C-12C Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C1 PICKER-PC7311C-12C1 Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
More results

Similar Description - PC7392XDBT

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
33H OENINDIA-33H Datasheet
1Mb / 1P
   HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
   HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
logo
Omron Electronics LLC
MGN OMRON-MGN Datasheet
414Kb / 6P
   Heavy Duty Power Relay
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
   HEAVY DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
   HEAVY DUTY POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
OEN54 OENINDIA-OEN54 Datasheet
488Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
35HA1A-6X OENINDIA-35HA1A-6X Datasheet
101Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com