Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7821B-12SR Datasheet(PDF) 1 Page - Picker Components

Part # PC7821B-12SR
Description  Micro Automotive Plug In / PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7821B-12SR Datasheet(HTML) 1 Page - Picker Components

  PC7821B-12SR Datasheet HTML 1Page - Picker Components PC7821B-12SR Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Micro Automotive Plug In / PCB Power Relay
FEATURES
Micro size plug-in design
1 A, 1 B and 1 C contact forms available
30 Amps continuous carrying capacity
Contact switching capacity up to 90 Amps
Up to 125 degrees C operating temperature
PC Board version available
PC782
Max. Switching Voltage
Current Dependent, see curve page 2
1 Form A, 1 Form B or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
9 ms. typical
Release Time
Insulation Resistance
7 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
20 g, 11ms, functional; 200 g, destructive
Vibration Resistance
DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g.
Power Consumption
1.6 W approx.
Ambient Temperature Range
-40 to 125 degrees C operating, -40 to 155 storage
Weight
Plug-In: 14 grams; PCB: 12 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC782 Rev B 4-13-04
PAGE 1
ORDERING INFORMATION
Example:
PC782
Model
-1C
Sockets available from Picker Components
Contact Form
Parallel Component
-P
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
2 X 10 5
Operations
Operations
Normally Open
Nil: None; D: Diode; R: Resistor
Coil Voltage
-12
Contact Form
Max Switching Current
Break 30 Amps
Make 90 Amps
30 Amps
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
S
Drop Resistance
1 Meter height drop on concrete
1A, 1B or 1C
Normally Closed
Break 15 Amps
Make 20 Amps
20 Amps
Mounting Version
Nil: Plug-IN; P: PCB
-R
Internal Diode or Resistor available
Enclosure
C: Dust Cover, S: Sealed Case


Similar Part No. - PC7821B-12SR

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC782 PICKER-PC782 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782H PICKER-PC782H Datasheet
596Kb / 3P
   35 Amp Micro ISO Automotive Plug In / PCB
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC7821B-12SR

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
logo
Picker Components
PC792A PICKER-PC792A Datasheet
134Kb / 3P
   Automotive Plug-In / PCB Power Relay
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com