Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3322BB1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B3322BB1
Description  FEMALE HEADER PROFILE : 6.4mm SMT TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B3322BB1 Datasheet(HTML) 1 Page - DB Lectro Inc

  B3322BB1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - B3322BB1

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
   1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
logo
Micrel Semiconductor
B33 MICREL-B33 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Orister Corporation
B330 ORISTER-B330 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
B330 ORISTER-B330 Datasheet
541Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
logo
Diodes Incorporated
B330 DIODES-B330 Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
More results

Similar Description - B3322BB1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm SMT TYPE
logo
Dubilier
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
logo
DB Lectro Inc
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm STRAIGHT
B32 DBLECTRO-B32 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
   FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
   FEMALE HEADER PROFILE : 2.1mm SMT TYPE
B13B DBLECTRO-B13B Datasheet
236Kb / 1P
   FEMALE HEADER PROFILE : 4.5mm SMT TYPE
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
   FEMALE HEADER SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com