Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8D638UBM-FI07 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K8D638UBM-FI07
Description  64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8D638UBM-FI07 Datasheet(HTML) 4 Page - Samsung semiconductor

  K8D638UBM-FI07 Datasheet HTML 1Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 2Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 3Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 4Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 5Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 6Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 7Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 8Page - Samsung semiconductor K8D638UBM-FI07 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
FLASH MEMORY
K8D6x16UTM / K8D6x16UBM
Revision 1.5
March 2005
4
Table 2. K8D6316U DEVICE BANK DIVISIONS
Device
Part Number
Bank 1
Bank 2
Mbit
Block Sizes
Mbit
Block Sizes
K8D6316U
16 Mbit
Eight 8 Kbyte/4 Kword,
thirty-one 64 Kbyte/32 Kword
48 Mbit
Ninety-six
64 Kbyte/32 Kword
ORDERING INFORMATION
K 8 D 6x 1 6 U T M - T I 0 7
Samsung
NOR Flash Memory
Device Type
Dual Bank Boot Block
Bank Division
63 = 16Mbits + 48Mbits
Operating Temperature Range
C = Commercial Temp. (0
°C to 70 °C)
I = Industrial Temp. (-40
°C to 85 °C)
Block Architecture
T = Top Boot Block
B = Bottom Boot Block
Version
M = 1st Generation
Access Time
07 = 70 ns
08 = 80 ns
09 = 90 ns
Operating Voltage Range
2.7V to 3.6V
Organization
x8/x16 Selectable
Table 1. PRODUCT LINE-UP
Part No.
- 7
-8
-9
Vcc
2.7V~3.6V
Max. Address Access Time (ns)
70ns
80ns
90ns
Max. CE Access Time (ns)
70ns
80ns
90ns
Max. OE Access Time (ns)
25ns
25ns
35ns
Package
P = 48TSOP1(Lead-Free) Y = 48 TSOP1
D : FBGA(Lead Free)
F : FBGA
L : TBGA(Lead Free)
T : TBGA


Similar Part No. - K8D638UBM-FI07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D638UBM-FI07 SAMSUNG-K8D638UBM-FI07 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
More results

Similar Description - K8D638UBM-FI07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com