Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS3985M49R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDS3985M49R
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M49R Datasheet(HTML) 4 Page - STMicroelectronics

  LDS3985M49R Datasheet HTML 1Page - STMicroelectronics LDS3985M49R Datasheet HTML 2Page - STMicroelectronics LDS3985M49R Datasheet HTML 3Page - STMicroelectronics LDS3985M49R Datasheet HTML 4Page - STMicroelectronics LDS3985M49R Datasheet HTML 5Page - STMicroelectronics LDS3985M49R Datasheet HTML 6Page - STMicroelectronics LDS3985M49R Datasheet HTML 7Page - STMicroelectronics LDS3985M49R Datasheet HTML 8Page - STMicroelectronics LDS3985M49R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LDS3985 SERIES
4/13
Table 5: Electrical Characteristics For LDS3985 (Tj = 25°C, VI = VO(NOM) +0.5V, CI = 1µF, CO = 2.2µF
CBYP = 33nF, IO = 1mA, VINH = 1.4V, unless otherwise specified)
Note 1: For VO(NOM) < 2V VI = 2.5V
Note 2: For VO(NOM) =1.25V VI = 2.5V
Note 3: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specifi-
cation does not apply for input voltages below 2.5V.
Note 4: Turn -on time is time measured between the enable input just exceeding VINH High Value and the output voltage just reaching 95%
of its nominal value
Note 5: Typical thermal protection hysteresis is 20°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
2.5
6
V
VO
Output Voltage < 2.5V
IO = 1 mA
-50
50
mV
TJ= -40 to 125°C
-75
75
VO
Output Voltage
≥ 2.5V
IO = 1 mA
-2
2
% of
VO(NOM)
TJ= -40 to 125°C
-3
3
∆V
O
Line Regulation (Note 1)
VI = VO(NOM) + 0.5 to 6 VTJ= -40 to 125°C
-0.1
0.1
%/V
VO = 4.7 to 5V
-0.19
0.19
∆V
O
Load Regulation
IO = 1 mA to 300mA
VO ≤ 2.5V
TJ= -40 to 125°C
0.005
0.01
%/mA
∆V
O
Load Regulation
IO = 1 mA to 300mA
VO ≥ 2.5V
TJ= -40 to 125°C
0.0008
0.004
%/mA
∆V
O
Output AC Line Regulation
(Note 2)
VI = VO(NOM) + 1 V, IO = 300mA,
tR= tF = 30µs
5mVPP
IQ
Quiescent Current
ON MODE: VINH = 1.24V
IO = 0
85
µA
IO = 0
TJ= -40 to 125°C
150
IO = 0 to 300mA
200
IO = 0 to 300mA
TJ= -40 to 125°C
300
OFF MODE: VINH = 0.4V
0.003
TJ= -40 to 125°C
1.5
VDROP Dropout Voltage (Note 3)
IO = 1mA
0.4
mV
IO = 1mA
TJ= -40 to 125°C
2
IO = 150mA
60
IO = 150mA
TJ= -40 to 125°C
100
IO = 300mA
150
IO = 300mA
TJ= -40 to 125°C
250
ISC
Short Circuit Current
RL = 0
600
mA
SVR
Supply Voltage Rejection
VI = VO(NOM)+0.25V ±
VRIPPLE = 0.1V,
IO= 50mA
For VO(NOM) < 2.5V, VI=2.55V
f = 1KHz
55
dB
f = 10KHz
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 5%
300
550
mA
VINH
Inhibit Input Logic Low
VI = 2.5V to 6V
TJ= -40 to 125°C
0.4
V
Inhibit Input Logic High
1.4
IINH
Inhibit Input Current
VINH = 0.4V
VI = 6V
±1
nA
eN
Output Noise Voltage
BW = 10 Hz to 100 KHz
CO = 2.2 µF30
µV
RMS
tON
Turn On Time (Note 4)
CBYP = 33 nF
240
µs
TSHDN Thermal Shutdown
Note 5
160
°C
CO
Output Capacitor
Capacitance (Note 6)
2.2
22
µF
ESR
5
5000
m


Similar Part No. - LDS3985M49R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985M49R STMICROELECTRONICS-LDS3985M49R Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
More results

Similar Description - LDS3985M49R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com