Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC03J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC03J
Description  Open Drain NAND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC03J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC03J Datasheet HTML 1Page - National Semiconductor (TI) MM74HC03J Datasheet HTML 2Page - National Semiconductor (TI) MM74HC03J Datasheet HTML 3Page - National Semiconductor (TI) MM74HC03J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5295
January 1988
MM54HC03MM74HC03 Quad 2-Input
Open Drain NAND Gate
General Description
These NAND gates utilize advanced silicon-gate CMOS
technology to achieve operating speeds similar to LS-TTL
gates with the low power consumption of standard CMOS
integrated circuits All gates have buffered outputs All de-
vices have high noise immunity and the ability to drive 10
LS-TTL loads The 54HC74HC logic family is functionally
as well as pin-out compatible with the standard 54LS74LS
logic family All inputs are protected from damage due to
static discharge by internal diode clamps to VCC and
ground
As with standard 54HC74HC push-pull outputs there are
diodes to both VCC and ground Therefore the output should
not be pulled above VCC as it would be clamped to one
diode voltage above VCC This diode is added to enhance
electrostatic protection
Features
Y
Typical propagation delay 12 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 20 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5295 – 1
Top View
Order Number MM54HC03 or MM74HC03
TLF5295 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC03J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC00 FAIRCHILD-MM74HC00 Datasheet
79Kb / 6P
   Quad 2-Input NAND Gate
MM74HC00 FAIRCHILD-MM74HC00 Datasheet
84Kb / 7P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MM74HC00 ONSEMI-MM74HC00 Datasheet
316Kb / 9P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC00M FAIRCHILD-MM74HC00M Datasheet
79Kb / 6P
   Quad 2-Input NAND Gate
MM74HC00M FAIRCHILD-MM74HC00M Datasheet
84Kb / 7P
   Quad 2-Input NAND Gate
More results

Similar Description - MM74HC03J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03_04 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
STMicroelectronics
74V1T03 STMICROELECTRONICS-74V1T03 Datasheet
48Kb / 7P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
September 1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com