Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5482 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF5482
Description  Microprocessor Electrical Characteristics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5482 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5482 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5482 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SDRAM Bus
MCF548x Integrated Microprocessor Electrical Characteristics, Rev. 2.1
Freescale Semiconductor
11
Figure 8. FlexBus Write Timing
9
SDRAM Bus
The SDRAM controller supports accesses to main SDRAM memory from any internal master. It supports
either standard SDRAM or double data rate (DDR) SDRAM, but it does not support both at the same time.
The SDRAM controller uses SSTL2 and SSTL3 I/O drivers. Both SSTL drive modes are programmable
for either Class I or Class II drive strength.
9.1
SDR SDRAM AC Timing Characteristics
The following timing numbers indicate when data will be latched or driven onto the external bus, relative
to the memory bus clock, when operating in SDR mode on write cycles and relative to SDR_DQS on read
cycles. The MCF548x SDRAM controller is a DDR controller that has an SDR mode. Because it is
designed to support DDR, a DQS pulse must still be supplied to the MCF548x for each data beat of an
SDR read. The MCF548x accomplishes this by asserting a signal called SDR_DQS during read cycles.
Care must be taken during board design to adhere to the following guidelines and specs with regard to the
SDR_DQS signal and its usage.
CLKIN
AD[X:0]
AD[31:Y]
R/W
ALE
TSIZ[1:0]
FBCSn, BE/BWEn
TA
FB1
A[X:0]
A[31:Y]
DATA
FB2
FB3
TSIZ[1:0]
FB3
FB6
FB7
OE


Similar Part No. - MCF5482

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5482 FREESCALE-MCF5482 Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5482 FREESCALE-MCF5482 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5482 FREESCALE-MCF5482 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5482 FREESCALE-MCF5482 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5482 NXP-MCF5482 Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results

Similar Description - MCF5482

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5475 FREESCALE-MCF5475 Datasheet
506Kb / 30P
   Integrated Microprocessor Electrical Characteristics
MCF5485 FREESCALE-MCF5485 Datasheet
508Kb / 30P
   Integrated Microprocessor Electrical Characteristics
MCF547X FREESCALE-MCF547X Datasheet
706Kb / 28P
   MCF547x Integrated Microprocessor Electrical Characteristics
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com