Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV5128-8KI Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC61LV5128-8KI
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV5128-8KI Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC61LV5128-8KI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV5128-8KI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IC61LV5128
Integrated Circuit Solution, Inc.
3
AHSR021-0A
09/11/2001
PIN CONFIGURATION
36-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
NC
A0
A1
A2
A3
A4
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
NC
NC
NC
NC
A18
A17
A16
A15
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A14
A13
A12
A11
A10
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
A18
A17
A16
A15
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A14
A13
A12
A11
A10
NC
PIN CONFIGURATION
44-Pin TSOP-2
PIN DESCRIPTIONS
A0-A18
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
NC
No Connection
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled
H
L
H
High-Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5 V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PD
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - IC61LV5128-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10B ICSI-IC61LV12816-10B Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10BI ICSI-IC61LV12816-10BI Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10K ICSI-IC61LV12816-10K Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10KI ICSI-IC61LV12816-10KI Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV5128-8KI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com