Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX5959G701ADJT5 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # FX5959G701ADJT5
Description  Power LED Driver the Smallest and Low Profile, Constant Current Source 0 - 2.0A, 2.5V to 7V, with 450W/in3 Power Density and High Efficiency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5959G701ADJT5 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button FX5959G701ADJT5 Datasheet HTML 3Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 4Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 5Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 6Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 7Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 8Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 9Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 10Page - Vishay Siliconix FX5959G701ADJT5 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10135
82
Revision: 18-Jan-05
FX5959G701
Vishay
PIN DESCRIPTION
PIN
DESCRIPTION
SD
Logic low on SD pin shuts down the Current Source completely and decreases current consumption to less than 1uA
PWM/PSM
Logic high =PWM mode, logic low =PSM mode. In PSM mode synchronous rectification is disabled.
SYNC
Externally controlled synchronization signal. Logic high to low transition forces the clock synchronization.
If not used must be connected to Vin or logic high.
Vin
Input supply voltage
GND
Ground
R1
Included inside the package for fixed voltage. To be added externally for all self-selected voltages.
VTP
Voltage test point. To test the minimum gap above VL.
R0
To be added externally for selected output current.
VL
Output current. LED connection
Vin
SD
PWM/PSM
SYNC
GND
R1
R0
VTP
VL
R1
R0


Similar Part No. - FX5959G701ADJT5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX5959G701ADJT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX4040G7XX VISHAY-FX4040G7XX Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
SeCoS Halbleitertechnol...
SSMG501 SECOS-SSMG501 Datasheet
233Kb / 4P
   Low Power Constant Current LED Driver
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com