Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV362M4F Datasheet(PDF) 2 Page - International Rectifier

Part # CPV362M4F
Description  IGBT SIP MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362M4F Datasheet(HTML) 2 Page - International Rectifier

  CPV362M4F Datasheet HTML 1Page - International Rectifier CPV362M4F Datasheet HTML 2Page - International Rectifier CPV362M4F Datasheet HTML 3Page - International Rectifier CPV362M4F Datasheet HTML 4Page - International Rectifier CPV362M4F Datasheet HTML 5Page - International Rectifier CPV362M4F Datasheet HTML 6Page - International Rectifier CPV362M4F Datasheet HTML 7Page - International Rectifier CPV362M4F Datasheet HTML 8Page - International Rectifier CPV362M4F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CPV362M4F
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
–––
30
45
IC = 4.8A
Qge
Gate - Emitter Charge (turn-on)
–––
4.0
6.0
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
–––
13
20
See Fig. 8
td(on)
Turn-On Delay Time
–––
49
–––
TJ = 25°C
tr
Rise Time
–––
22
–––
ns
IC = 4.8A, VCC = 480V
td(off)
Turn-Off Delay Time
–––
200
300
VGE = 15V, RG = 50Ω
tf
Fall Time
–––
214
320
Energy losses include "tail" and
Eon
Turn-On Switching Loss
–––
0.23
–––
diode reverse recovery
Eoff
Turn-Off Switching Loss
–––
0.33
–––
mJ
See Fig. 9, 10, 18
Ets
Total Switching Loss
–––
0.45 0.70
td(on)
Turn-On Delay Time
–––
48
–––
TJ = 150°C,
See Fig. 10,11, 18
tr
Rise Time
–––
25
–––
ns
IC = 4.8A, VCC = 480V
td(off)
Turn-Off Delay Time
–––
435
–––
VGE = 15V, RG = 50
tf
Fall Time
–––
364
–––
Energy losses include "tail" and
Ets
Total Switching Loss
–––
0.93
–––
mJ
diode reverse recovery
Cies
Input Capacitance
–––
340
–––
VGE = 0V
Coes
Output Capacitance
–––
63
–––
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
–––
5.9
–––
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
–––
37
55
ns
TJ = 25°C
See Fig.
–––
55
90
TJ = 125°C
14
IF = 8.0A
Irr
Diode Peak Reverse Recovery Current
–––
3.5
50
A
TJ = 25°C
See Fig.
–––
4.5
8.0
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
–––
65
138
nC
TJ = 25°C
See Fig.
–––
124
360
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
–––
240
–––
A/µs
TJ = 25°C
See Fig.
During tb
–––
210
–––
TJ = 125°C
17
ƒ Pulse width ≤ 80µs; duty factor ≤ 0.1%.
‚ VCC=80%(VCES), VGE=20V, L=10µH,
RG= 50Ω, ( See fig. 19 )
„ Pulse width 5.0µs, single
shot.
 Repetitive rating; VGE=20V, pulse width
limited by max. junction temperature.
( See fig. 20 )
Notes:
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
ƒ
600
–––
–––
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage ––– 0.72 ––– V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
–––
1.41
1.7
IC = 4.8A
VGE = 15V
–––
1.66
–––
V
IC = 8.8A
See Fig. 2, 5
–––
1.42
–––
IC = 4.8A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
–––
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
–––
-11
––– mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
„
2.9
5.0
–––
S
VCE = 100V, IC = 4.8A
ICES
Zero Gate Voltage Collector Current
–––
–––
250
µA
VGE = 0V, VCE = 600V
–––
––– 1700
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
–––
1.4
1.7
V
IC = 8.0A
See Fig. 13
–––
1.3
1.6
IC = 8.0A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
–––
––– ±100
nA
VGE = ±20V


Similar Part No. - CPV362M4F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
More results

Similar Description - CPV362M4F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
   IGBT SIP MODULE
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com