Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABA-32563-TR1G Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ABA-32563-TR1G
Description  2.5 GHz Broadband Silicon RFIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ABA-32563-TR1G Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ABA-32563-TR1G Datasheet HTML 1Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ABA-32563-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Agilent ABA-32563
2.5 GHz Broadband Silicon
RFIC Amplifier
Data Sheet
Description
Agilent’s ABA-32563 is an
economical, easy-to-use, inter-
nally 50
Ω matched, silicon
monolithic broadband amplifier
that offers excellent gain and
broadband response from DC to
2.5 GHz. Packaged in an ultra-
miniature SOT-363 package, it
requires half the board space of
a SOT-143 package.
At 2 GHz, the ABA-32563 offers
a small-signal gain of 19 dB,
output P1dB of 8.4 dBm and
19.5 dBm output third order
intercept point. It is suitable for
use as wideband applications.
They are designed for low cost
gain blocks in cellular applica-
tions, DBS tuners, LNB and other
wireless communication systems.
ABA-32563 is fabricated using
Agilent’s HP25 silicon bipolar
process, which employs a double-
diffused single polysilicon
process with self-aligned submi-
cron emitter geometry. The
process is capable of simulta-
neous high fT and high NPN
breakdown (25 GHz fT at 6V
BVCEO). The process utilizes
industry standard device oxide
isolation technologies and
submicron aluminum multilayer
interconnect to achieve superior
performance, high uniformity,
and proven reliability.
Features
• Operating Frequency DC ~ 2.5 GHz
• 19 dB Gain
• VSWR < 2.0 throughout operating
frequency
• 8.4 dBm Output P1dB
• 19.5 dBm Output IP3
• 3.5 dB Noise Figure
• Unconditionally Stable
• Single 3V Supply (Id = 37 mA)
• Lead-free
Applications
• Amplifier for Cellular, Cordless,
Special Mobile Radio, PCS, ISM,
Wireless LAN, DBS, TVRO, and TV
Tuner Applications
Surface Mount Package
SOT-363/SC70
Pin Connections and
Package Marking
Simplified Schematic
Note:
Top View. Package marking provides orientation
and identification. “x” is the date code.
Vcc
GND 3
Input
GND 2
GND 1
Output
& Vcc
Vcc
Ground 2
Ground 1
Ground 3
RF
Input
RF
Output
& Vcc
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1B)
Refer to Agilent Application Note A004R:
Electrostatic Discharge Damage and Control.


Similar Part No. - ABA-32563-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563-TR1G AVAGO-ABA-32563-TR1G Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-32563-TR1G BOARDCOM-ABA-32563-TR1G Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABA-32563-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-32563 BOARDCOM-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-54563 AVAGO-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-54563 BOARDCOM-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com