Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX50331 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CX50331
Description  0.18um Structured ASIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX50331 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CX50331 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CX5000:
0.18um Structured ASIC Product Family
© ChipX Inc.
2
CEC034 (9/20/05)
PCI, PCI-X, SSTL, HSTL, USB1.1, RSDS, LVPECL and LVDS up to 622Mbps
1.5V or 1.8V or mixed supply voltage operation
Up to 1100 total pads
Low-jitter analog PLL macros with internal loop filter
Delay Lock Loop (DLL) macros for clock de-skewing
Wide range of synthesizable IP cores such as CPUs and interface controllers
Vast packaging library
Standard ASIC tool flow
Available front-end and FPGA conversion design services
BIST and Scan synthesis test options
Seamless migration to Standard Cell in high volume
Excellent for SoC designs, new ASICs, and FPGA conversion
The CX5000 Structured ASIC
“System Slice”
The CX5000 System Slice product line is designed to incorporate a mix of gates and memory optimized
for a wide range of today
’s advanced SoCs. With a ratio of approximately 160% memory to gates, each
slice contains enough memory to support CPU cache, network rate-matching FIFOs, multiple video line
buffers and various other single- or dual-port applications.
The CX5000 System-Slice arrays shown in Table 1 have a variety of gate and memory counts. The
maximum usable gates in each array is design dependent and refers to the actual size of a customer
design prior to test insertion or timing closure.
There are a fixed number of block memories on each masterslice for speed, and for logic and memory
efficiency. Each slice has a total available memory count, which can be split into either 18K, 16K or 8K
blocks in a variety of widths and depths, or double-pumped to create smaller memories. The memory can
be configured as single- or dual-port RAM/ROM, as required.
ChipX uses the latest clock synthesis techniques during layout of the Structured ASIC. We provide the
user with four complete analog PLL units for clock phase alignment (when needed), frequency synthesis,
or stabilization. These PLL macros have excellent jitter performance and incorporate all of the analog
components needed for supply and loop filtering on board the masterslice. A DLL macro generator is
available for clock-edge alignment in timing-critical applications.
TABLE 1.
CX5000 SYSTEM SLICE
BASE
ARRAY
MAX USABLE
ASIC GATES (K)
FAST BLOCK
SRAM (K)
LOW JITTER
APLL/DLL
BOND
PADS
CX50041
30-40
64
4/2
128
CX50101
91-101
160
4/8
256
CX50211
131-144
364
4/8
384
CX50331
207-228
518
4/8
448
CX50561
336-369
880
4/12
640
CX50841
526-578
1264
4/12
768
CX51191
716-787
1774
4/12
896
CX51761
1108-1219
2582
4/12
1152


Similar Part No. - CX50331

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA10000H0QSWZZ KSS-CX5032GA10000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA12000H0QSWZZ KSS-CX5032GA12000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA15000H0QSWZZ KSS-CX5032GA15000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

Similar Description - CX50331

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
   0.15關m Structured ASIC
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
   HCMOS STRUCTURED ARRAY
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
   ASIC
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
   CMOS ASIC encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com