Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM95HS01EN14 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM95HS01EN14
Description  HiSeC-TM High Security Rolling Code Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM95HS01EN14 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  NM95HS01EN14 Datasheet HTML 1Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 2Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 3Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 4Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 5Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 6Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 7Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 8Page - National Semiconductor (TI) NM95HS01EN14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
General Transmitter Circuit
Configurations
Figure 3 shows several typical circuit configurations for a
HiSeC based RKE system transmitter Note that all circuits
require few external components beyond a battery and
transmitter stage IR and RF bit timing may be optimized
through the timer block settings in the EEPR0M array which
allows flexibility in selecting the smallest and least expen-
sive clock components in the chosen design range
The first two circuits are examples of RF transmitter applica-
tions with both RC and crystal (XTAL) oscillator clocks the
third circuit is an example of an IR transmitter application
Two circuits are configured for an LED Note that the LED
pin refers to a visual indicator LED and not the IR LED
which might be used in an IR transmitter circuit
The LEDSEL bit in the EEPROM array determines whether
the RFEN LED or CKOLED pins are dedicated to the LED
for a particular circuit configuration LED pin select options
are detailed in Table I
Design considerations for selecting and optimizing clock
component values are detailed in the Generator Clock De-
sign Parameters section
General Receiver Circuit
Configurations
The NM95HS0102 HiSeC Generator with the standard
customer algorithm is matched to a companion partthe
MM57HS HiSeC Decoder For applications requiring more
extensive receiver design and decoder programming a
COPS8xxxNM93Cx6 package is recommended A com-
plete discussion of receiver oonfigurations and considera-
tions can be found in the National Semiconductor Applica-
tion Note
How to Design and Program a HiSeC RKE Re-
ceiver using an 8-Bit Microcontroller
TLD12302 – 3
FIGURE 3 Typical Transmitter Circuit Configurations
TABLE I LED Pin Select Options
Clock
LEDSEL
RFEN LED
CKOLED
Function
RC
X
RFEN
LED
RF Mode with LED
XTAL
0
LED
CKO
RF Mode wo LED
XTAL
1
RFEN
CKO
IR mode with LED
Either the LED or RFEN outputs of the NM95HS0102 can be used to indicate device transmis-
sion The LED output is active during a pause whereas the RFEN output is active during frame
transmission
The IR Drive Current is 10 mA so an amplifier stage may be needed
http
www nationalcom
4


Similar Part No. - NM95HS01EN14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM95MS14 NSC-NM95MS14 Datasheet
162Kb / 8P
   Plug n Play Front-End Devices for ISA-Bus Systems
NM95MS14VBH NSC-NM95MS14VBH Datasheet
162Kb / 8P
   Plug n Play Front-End Devices for ISA-Bus Systems
NM95MS15 NSC-NM95MS15 Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
NM95MS15S NSC-NM95MS15S Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
NM95MS15VEH NSC-NM95MS15VEH Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
More results

Similar Description - NM95HS01EN14

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
logo
Renesas Technology Corp
R20UT2918EJ0100 RENESAS-R20UT2918EJ0100 Datasheet
343Kb / 11P
   Code Generator
logo
Microchip Technology
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
logo
List of Unclassifed Man...
M2630 ETC1-M2630 Datasheet
134Kb / 1P
   SECURITY CODE WIRELESS DOOR BELL
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com