Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2222AGA1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B2222AGA1
Description  FEMALE HEADER WITH SQUARE TAIL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B2222AGA1 Datasheet(HTML) 1 Page - DB Lectro Inc

  B2222AGA1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B2222AGA1

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
B2220 OKAYA-B2220 Datasheet
163Kb / 2P
   SURGE PROTECTIVE DEVICES
logo
Omron Electronics LLC
B2220-E OMRON-B2220-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
List of Unclassifed Man...
B2227 ETC1-B2227 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
More results

Similar Description - B2222AGA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTC28 ETC1-PTC28 Datasheet
76Kb / 2P
   SQUARE POST HEADER
R191381000 ETC2-R191381000 Datasheet
32Kb / 2P
   BULKHEAD ADAPTOR N FEMALE - SMA FEMALE SQUARE FLANGE
logo
Dubilier
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 7.0MM
logo
Adam Technologies, Inc.
SRS2-XX-U-SMT ADAM-TECH-SRS2-XX-U-SMT Datasheet
222Kb / 1P
   FEMALE HEADER
logo
Molex Electronics Ltd.
22-23-3044 MOLEX11-22-23-3044 Datasheet
56Kb / 2P
   KK짰 254 Solid Header, Vertical, with Staggered Tail, 4 Circuits
22-23-3054 MOLEX11-22-23-3054 Datasheet
56Kb / 2P
   KK짰 254 Solid Header, Vertical, with Staggered Tail, 5 Circuits
22-23-3104 MOLEX11-22-23-3104 Datasheet
56Kb / 2P
   KK짰 254 Solid Header, Vertical, with Staggered Tail, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com