Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP139-28TWA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP139-28TWA
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-28TWA Datasheet(HTML) 4 Page - Anachip Corp

  AP139-28TWA Datasheet HTML 1Page - Anachip Corp AP139-28TWA Datasheet HTML 2Page - Anachip Corp AP139-28TWA Datasheet HTML 3Page - Anachip Corp AP139-28TWA Datasheet HTML 4Page - Anachip Corp AP139-28TWA Datasheet HTML 5Page - Anachip Corp AP139-28TWA Datasheet HTML 6Page - Anachip Corp AP139-28TWA Datasheet HTML 7Page - Anachip Corp AP139-28TWA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
4/8
Typical Performance Characteristics
0
10
20
30
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
6.5
7
Vcc Vs Quiescent Current
Vcc (V)
TA=25℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.5
1.8
2
2.5
2.8
3
3.3
3.5
Vout (V)
Vout Vs Dropout Voltage
Io=300mA
Io=200mA
Io=100mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00
1.0E+01 1.0E+02
1.0E+03 1.0E+04
1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
BP=1nF
BP=5nF
BP=10nF
BP=20nF
Iout=100mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00 1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
BP=10nF
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00 1.0E+01
1.0E+02 1.0E+03
1.0E+04 1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
BP=0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.5
1.8
2
2.5
2.8
3
3.3
3.5
Vout Vs Current Limit
Vcc=5V
Vout (V)


Similar Part No. - AP139-28TWA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-28WG-7 DIODES-AP139-28WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-28WL-7 DIODES-AP139-28WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-28TWA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com