Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD34063 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TD34063
Description  DC TO DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TD34063 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TD34063 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DC TO DC CONVERTER CONTROLLER
DESCRIPTION
FEATURES
*Operation from 3.0V to 40V.
*Short circuit current limiting.
*Low standby current.
*Output switch current of 1.5A without external
transistors.
*Frequency of operation from 100Hz to 100kHz.
*Step-up, step-down or inverting switch regulators.
DIP-8
SOP-8
BLOCK DIAGRAM
8
7
5
4
2
1
3
6
Q
S
R
C
E
T1
T2
A
Is
D
B
CT
Vcc
GND
TIMING
CAPACITOR
SWITCH
EMITTER
SWITCH
COLLECTOR
1.25Vref
COMP.
OSCILLATOR
COMPARATOR
INVERTING INPUT
Ipeak
SENSE
DRIVE
COLLECTOR
TMC
TD34063
T he TD34063 Series is a monolithic control circuit containing the
primary functions required for DC to DC converters. T hese devices
consist of an internal temperature compensated reference, comparator
,
controlled duty cycle oscillator with an active current limit circuit,
driver and high current output switch. T his series was specifically
designed to be incorporated in Step-Down and Step-Up and
Voltage-Inverting applications with a minimum number of external
components.
PIN CONFIGURATION
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
Driver
Collector
Ipk Sense
Vcc
Comparator
Inverting input
1
2
3
4
8
7
5
6
ORDERING INFOR
Device
Operating
Temperature Range
Package
T
A = 0°C to +70°C
PDIP-8
T
A = 0°C to +70°C
SOP-8
MATION
TD34063
TD34063


Similar Part No. - TD34063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340D STMICROELECTRONICS-TD340D Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340ID STMICROELECTRONICS-TD340ID Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
More results

Similar Description - TD34063

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com