Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP250720EBJ26V Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GP250720EBJ26V
Description  RELAY - LATCH 2 PDT, 2 AMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250720EBJ26V Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GP250720EBJ26V Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250720EBJ26V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Types of suppressors:
Passive devices.
The resistor capacitor circuit
It eliminates the power dissipation problem, as well as fast voltage rises. With a proper match between coil and resistor,
approximate capacitance value can be calculated from:
C = 0.02xT/R, where
T = operating time in milliseconds
R = coil resistance in kiloOhms
C = capacitance in microFarads
The series resistor must be between 0.5 and 1 times the coil resistance. Special consideration must be taken for the
capacitor inrush current in the case of a low resistance coil.
The record shown opposite is performed on the same relay as above. The operation time becomes:
- time to start the movement 2.3ms
- transfer time 1.2ms
The major difficulty comes from the capacitor volume. In our example of a relay with a 290
Ω coil and time delay of 8 ms, a
capacitance value of C=0.5 uF is found. This non polarized capacitor, with a voltage of 63V minimum, has a volume of about
1cm3. For 150V, this volume becomes 1.5 cm3.
Date of issue: 6/00
- 9 -
Page 2 of 4


Similar Part No. - GP250720EBJ26V

ManufacturerPart #DatasheetDescription
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.010-02-0816 HENKEL-GP2500S20-0.010-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-00 HENKEL-GP2500S20-0.015-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-0816 HENKEL-GP2500S20-0.015-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.020-02-00 HENKEL-GP2500S20-0.020-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results

Similar Description - GP250720EBJ26V

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
   RELAY – LATCH 2 PDT, 12 AMP
logo
List of Unclassifed Man...
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
   RELAY - LATCH 2 PDT, 12 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
   RELAY – LATCH 4 PDT, 12 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
   RELAY LATCH 1 PDT, 25 AMP
logo
List of Unclassifed Man...
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
   RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
logo
Leach International Cor...
ZLD LEACH-ZLD Datasheet
1Mb / 11P
   CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com