Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP139-15WA Datasheet(PDF) 7 Page - Anachip Corp

Part # AP139-15WA
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-15WA Datasheet(HTML) 7 Page - Anachip Corp

  AP139-15WA Datasheet HTML 1Page - Anachip Corp AP139-15WA Datasheet HTML 2Page - Anachip Corp AP139-15WA Datasheet HTML 3Page - Anachip Corp AP139-15WA Datasheet HTML 4Page - Anachip Corp AP139-15WA Datasheet HTML 5Page - Anachip Corp AP139-15WA Datasheet HTML 6Page - Anachip Corp AP139-15WA Datasheet HTML 7Page - Anachip Corp AP139-15WA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
7/8
Package Information
(1)Package Type: SOT23-5L
L
e
D
b(5x)
VIEW C
L1
1(4x)
2(4x)
e1
GAUGE PLANE
SEE VIEW C
θ
θ
θ
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.35
0.041
-
0.053
A1
0.05
-
0.15
0.002
-
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.50
0.010
-
0.020
C
0.08
-
0.20
0.003
-
0.008
D
2.70
2.90
3.00
0.106
0.114
0.118
E
1.50
1.60
1.70
0.059
0.063
0.067
HE
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.60
0.012
-
0.024
L1
0.50
0.60
0.70
0.020
0.024
0.028
e
1.80
1.90
2.00
0.071
0.075
0.079
e1
0.85
0.95
1.05
0.033
0.037
0.041
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ1
3
o
5
o
7
o
3
o
5
o
7
o
θ2
6
o
8
o
10
o
6
o
8
o
10
o


Similar Part No. - AP139-15WA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-15WG-7 DIODES-AP139-15WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-15WL-7 DIODES-AP139-15WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-15WA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com