Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M32L1632512A-7Q Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M32L1632512A-7Q
Description  256K x 32 Bit x 2 Banks Synchronous Graphic RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M32L1632512A-7Q Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M32L1632512A-7Q Datasheet HTML 2Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 3Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 4Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 5Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 6Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 7Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 8Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 9Page - List of Unclassifed Manufacturers M32L1632512A-7Q Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
$%
M32L1632512A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2001
Revision : 1.6
6/54
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70 C
° )
Parameter
Value
AC Input levels
VIH/VIL = 2.4V/0.4V
Input timing measurement reference level
1.4V
Input rise and fall-time (See note3)
tR/tF = 1ns/1ns
Output timing measurement reference level
1.4V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-5/5S
-6/6S
-7/7S
-8/8S
Unit
Note
Parameter
Symbol
Min Max Min Max Min Max Min Max
CAS latency =3
5678
CLK cycle time
CAS latency =2
tCC
7.5
1000
8
1000
10
1000
12
1000
ns
1
CAS latency =3
-4.5
-5.5
-
6
-6.5
CLK to valid
output delay
CAS latency =2
tSAC
-5
-6
-7
-8
ns
1, 2
CAS latency =3
2222
ns
Output data
hold time
CAS latency =2
tOH
2222
ns
2
CLK high pulse width
tCH
2
2
2.5
3
ns
3
CLK low pulse width
tCL
2
2
2.5
3
ns
3
Input setup time
tSS
222
2.5
ns
3
Input hold time
tSH
1111
ns
3
CLK to output in Low-Z
tSLZ
1111
ns
2
CAS latency =3
-
5
-
5.5
-
6
-
6.5
CLK to output
In Hi-Z
CAS latency =2
tSHZ
-5
-6
-7
-8
ns
* All AC parameters are measured from half to half.
Output
870
VOH (DC) =2.4V , IOH = -2 mA
VOL (DC) =0.4V , IOL = 2 mA
Output
30pF
Z0 =50
30pF
50
VREF = 1.4V
3.3V
1200
è
è
è
è


Similar Part No. - M32L1632512A-7Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5.5F ETC1-M32L32321SA-5.5F Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5.5Q ETC1-M32L32321SA-5.5Q Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5F ETC1-M32L32321SA-5F Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5Q ETC1-M32L32321SA-5Q Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
More results

Similar Description - M32L1632512A-7Q

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
   256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
AMIC Technology
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
   512K X 32 Bit X 2 Banks Synchronous DRAM
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
   512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com