Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1640-30CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1640-30CS
Description  LOW VOLTAGE STEP-UP DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1640-30CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1640-30CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1640-30CS Datasheet HTML 2Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADVANCE INFORMATION
AIC1640
LOW VOLTAGE STEP-UP DC/DC CONVERTER
SPEC NO: DS-1640-P1
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
1
FEATURES
Guaranteed Start-Up from Below 0.9 V.
High Efficiency.
Low Quiescent Current.
Fixed or adjustable Output Voltage.
Logic Controlled Shutdown.
External Switch Driver available.
APPLICATIONS
Pagers.
Cameras.
Wireless Microphones.
Pocket Organizers.
Battery Backup Suppliers.
Portable Instruments.
DESCRIPTION
The AIC1640 is a high efficiency step-up DC/DC
converter for applications using 1 to 4 battery cells.
Only three external components are required to de-
liver a fixed output voltage of 3V, 3.3V, or 5V.
Pulse Frequency Modulation scheme brings opti-
mized performance for applications with light output
loading and low input voltage. The output ripple
and noise are lower compared with the circuit op-
erating in PSM mode. The AIC1640 starts up from
below 0.9V input to boost either 3V, 3.3V, or 5V
output with 1mA load.
Some useful features include external driver for
higher power level applications, shutdown mode for
saving the life of battery, and adjustable output ver-
sion. The PFM control circuit operates in 100KHz
(max.) switching rate, resulting in smaller passive
component size, which makes the AIC1640 an ide-
al choice of DC/DC converter for space conscious
applications.
TYPICAL APPLICATION CIRCUIT
+
C1
22
µF
L1
88
µH
D1
SB02-03C
AIC1640
GND
CE
NC
SW
EXT
VDD
VOUT
3.3V
VIN
NC
NC
≧0.9V
R1
300
C1
10nF
Q1
2SD2150
+
C2
100
µF
L1
33
µH
D1
1N5819
VOUT
3.3V/100mA
VIN
AIC1640
GND
CE
NC
SW
EXT
VDD
NC
NC
≧0.9V
3.3V Output Step-Up DC/DC Converter
3.3V/100mA Step-Up DC/DC Converter


Similar Part No. - AIC1640-30CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1641-27CS ETC-AIC1641-27CS Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1641-27CW ETC-AIC1641-27CW Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1641-30CS ETC-AIC1641-30CS Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1641-30CW ETC-AIC1641-30CW Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1640-30CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com