Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232RL Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 13
5.2 QFN-32 Package Dimensions
Figure 7 - QFN-32 Package Dimensions
The FT232RQ is supplied in a RoHS compliant leadless QFN-32 package. The package is lead ( Pb ) free, and uses
a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package has a compact 5.00mm x 5.00mm body. The solder pads are on a 0.50mm pitch. The above mechanical
drawing shows the QFN-32 package – all dimensions are in millimetres.
The centre pad on the base of the FT232RQ is not internally connected, and can be left unconnected, or connected to
ground (recommended).
The date code format is
YYXX where XX = 2 digit week number, YY = 2 digit year number.
Indicates Pin #1
(Laser Marked)
FT232RQ
32
25
24
17
16
9
8
1
YYXX-A
FTDI
5.000
18
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25 26 27 28 29 30 31 32
3.200 +/-0.100
0.500
0.250
+/-0.050
0.200 Min
0.500
+/-0.050
0.150 Max
Pin #1 ID
0.800
+/-0.050
0.200
0.050
0.900
+/-0.100
TOP
BOTTOM
SIDE


Similar Part No. - FT232RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232RL ETC2-FT232RL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
254Kb / 13P
   Bit Bang Modes for the FT232R and FT245R
FT232RL FTDI-FT232RL Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
More results

Similar Description - FT232RL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
UM245R FTDI-UM245R Datasheet
659Kb / 19P
   USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
   SINGLE OUTPUT CLOCK GENERATOR
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com