Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP250 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GP250
Description  RELAY - LATCH 2 PDT, 2 AMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GP250 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCHEMATIC DIAGRAM
GP250
NUMBERING SYSTEM
GP250
720
E
00
26V
Basic series designation__________________________|
|
|
|
|
1-Coil Resistance_______________________________________|
|
|
|
2-Terminal Types (E,F)______________________________________|
|
|
3-Mounting Style (00,DB,DJ,DE,DQ,DD,DM,HA,BC,BD,BJ,BN)__________|
|
4-Nominal Voltage (06,12,26)_________________________________________|
NOTES
1. Isolation spacer pads for PCB mounting available on request.
2. For other mounting styles or terminal types, please contact the factory.
TYPICAL CHARACTERISTICS
*
Coil resistance/temperature change: See application note no. 001
Date of issue: 3/06
- 24 -
Page 4 of 4
A1
A3
X2
Y1
+
+
X1
A2
B1
B2
Y2
RAZ
B3
BOTTOM VIEW, COIL ENERGIZED LAST RAZ
CONTRASTING BEAD
TERMINAL DESIGNATIONS ARE FOR REFERENCE ONLY
AND DO NOT APPEAR ON STANDARD UNITS


Similar Part No. - GP250

ManufacturerPart #DatasheetDescription
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.010-02-0816 HENKEL-GP2500S20-0.010-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-00 HENKEL-GP2500S20-0.015-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-0816 HENKEL-GP2500S20-0.015-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.020-02-00 HENKEL-GP2500S20-0.020-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results

Similar Description - GP250

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
   RELAY – LATCH 2 PDT, 12 AMP
logo
List of Unclassifed Man...
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
   RELAY - LATCH 2 PDT, 12 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
   RELAY – LATCH 4 PDT, 12 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
   RELAY LATCH 1 PDT, 25 AMP
logo
List of Unclassifed Man...
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
   RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
logo
Leach International Cor...
ZLD LEACH-ZLD Datasheet
1Mb / 11P
   CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com