Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232R Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 8
4.2 SSOP-28 Package Signal Descriptions
Table 1 - SSOP Package Pin Out Description
Pin No. Name
Type Description
USB Interface Group
15
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up resistor to 3.3V
16
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Power and Ground Group
4
VCCIO
PWR
+1.8V to +5.25V supply to the UART Interface and CBUS group pins (1...3, 5, 6, 9...14, 22, 23). In USB bus
powered designs connect to 3V3OUT to drive out at 3.3V levels, or connect to VCC to drive out at 5V CMOS
level. This pin can also be supplied with an external 1.8V - 2.8V supply in order to drive out at lower levels. It
should be noted that in this case this supply should originate from the same source as the supply to Vcc. This
means that in bus powered designs a regulator which is supplied by the 5V on the USB bus should be used.
7, 18, 21
GND
PWR
Device ground supply pins
17
3V3OUT
Output 3.3V output from integrated L.D.O. regulator. This pin should be decoupled to ground using a 100nF capacitor.
The prime purpose of this pin is to provide the internal 3.3V supply to the USB transceiver cell and the internal
1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if required.
This pin can also be used to supply the FT232R’s VCCIO pin.
20
VCC
PWR
3.3V to 5.25V supply to the device core.
25
AGND
PWR
Device analog ground supply for internal clock multiplier
Miscellaneous Signal Group
8, 24
NC
NC
No internal connection.
19
RESET#
Input
Can be used by an external device to reset the FT232R. If not required can be left unconnected, or pulled up
to VCCIO.
26
TEST
Input
Puts the device into I.C. test mode. Must be tied to GND for normal operation.
27
OSCI
Input
Input to 12MHz Oscillator Cell. Optional - Can be left unconnected for normal operation. *
28
OSCO
Output Output from 12MHz Oscillator Cell. Optional - Can be left unconnected for normal operation if internal oscilla-
tor is used. *
UART Interface and CBUS Group **
1
TXD
Output Transmit Asynchronous Data Output.
2
DTR#
Output Data Terminal Ready Control Output / Handshake signal.
3
RTS#
Output Request To Send Control Output / Handshake signal.
5
RXD
Input
Receive Asynchronous Data Input.
6
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal EEPROM taking RI# low can be
used to resume the PC USB host controller from suspend.
9
DSR#
Input
Data Set Ready Control Input / Handshake signal.
10
DCD#
Input
Data Carrier Detect Control input.
11
CTS#
Input
Clear to Send Control input / Handshake signal.
12
CBUS4
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is SLEEP#. See CBUS Signal Options, Table 3.
13
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is TXDEN. See CBUS Signal Options, Table 3.
14
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is PWREN#. See CBUS Signal Options, Table 3.
22
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is RXLED#. See CBUS Signal Options, Table 3.
23
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is TXLED#. See CBUS Signal Options, Table 3.
* Contact FTDI technical support for details on how to use an external crystal, ceramic resonator, or oscillator with the
FT232R.
** When used in Input Mode, these pins are pulled to VCCIO via internal 200kΩ resistors. These pins can be
programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting an option in the internal EEPROM.


Similar Part No. - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT232RL ETC2-FT232RL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
More results

Similar Description - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
UM245R FTDI-UM245R Datasheet
659Kb / 19P
   USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
   SINGLE OUTPUT CLOCK GENERATOR
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com