Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX27L2000 Datasheet(PDF) 11 Page - Macronix International

Part # MAX27L2000
Description  2M-BIT [256Kx8] CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MAX27L2000 Datasheet(HTML) 11 Page - Macronix International

Back Button MAX27L2000 Datasheet HTML 6Page - Macronix International MAX27L2000 Datasheet HTML 7Page - Macronix International MAX27L2000 Datasheet HTML 8Page - Macronix International MAX27L2000 Datasheet HTML 9Page - Macronix International MAX27L2000 Datasheet HTML 10Page - Macronix International MAX27L2000 Datasheet HTML 11Page - Macronix International MAX27L2000 Datasheet HTML 12Page - Macronix International MAX27L2000 Datasheet HTML 13Page - Macronix International MAX27L2000 Datasheet HTML 14Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
MX27L2000
REV.2.5, APR 09,1998
P/N: PM0372
PACKAGE INFORMATION
32-PIN CERDIP(MSI) WITH WINDOW (600mil)
NOTE:
Each lead centerline is located within .25
mm[.01 inch] of its true position [TP] at
maximum material condition.
32-PIN PLASTIC DIP(600 mil)
NOTE:
Each lead centerline is located within .25
mm[.01 inch] of its true position [TP] at
maximum material condition.
ITEM
MILLIMETERS
INCHES
A
42.13 max.
1.660 max.
B
1.90 [REF]
.075 [REF]
C
2.54 [TP]
.100 [TP]
D
.46 [Typ.]
.018 [Typ.]
E
38.07
1.500
F
1.27 [Typ.]
.050 [Typ.]
G
3.30 ± .25
.130 ± .010
H
.51 [REF]
.020 [REF]
I
3.94 ± .25
.155 ± .010
J
5.33 max.
.210 max.
K
15.22 ± .25
.600 ± .010
L
13.97 ± .25
.550 ±.010
M
.25 [Typ.]
.010 [Typ.]
ITEM
MILLIMETERS
INCHES
A
42.26 max
1.665 max
B
1.90 ± .38
.075 ± .015
C
2.54 [TP]
.100 [TP]
D
.46 [REF]
.018 [REF]
E
38.07
1.500
F
1.42 [REF]
.056 [REF]
G
3.43 ± .38
.135 ± .015
H
.96 ± .43
.038 ± .017
I
4.06
.160
J
5.00
.203
K
15.58 ± .13
.614 ± .005
L
13.20 ± .38
.520 ± .015
M
.25 [REF]
.010 [REF]
N
ø8.12
ø.320
N
17
32
1
16
A
FD
C
B
I
J
H
G
M
0.15¡
K
L
E
A
17
32
16
1
F
D
E
C
B
H
IJ
G
M
0~15¡
K
L
INDEX


Similar Part No. - MAX27L2000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2700ECM MAXIM-MAX2700ECM Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2701ECM MAXIM-MAX2701ECM Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX270CPP MAXIM-MAX270CPP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
More results

Similar Description - MAX27L2000

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com