Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS102-6T1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS102-6T1
Description  AC switch family Transient protected AC switch ACSTM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102-6T1 Datasheet(HTML) 4 Page - STMicroelectronics

  ACS102-6T1 Datasheet HTML 1Page - STMicroelectronics ACS102-6T1 Datasheet HTML 2Page - STMicroelectronics ACS102-6T1 Datasheet HTML 3Page - STMicroelectronics ACS102-6T1 Datasheet HTML 4Page - STMicroelectronics ACS102-6T1 Datasheet HTML 5Page - STMicroelectronics ACS102-6T1 Datasheet HTML 6Page - STMicroelectronics ACS102-6T1 Datasheet HTML 7Page - STMicroelectronics ACS102-6T1 Datasheet HTML 8Page - STMicroelectronics ACS102-6T1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 Characteristics
ACS102-6T
4/11
Figure 3.
Relative variation of junction to
ambient thermal impedance vs
pulse duration and package
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current vs junction
temperature
Figure 5.
Non repetitive surge peak on-state
current vs number of cycles
Figure 6.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp<10 ms, and corresponding
value of I²t (Tj initial = 25 °C).
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z
th(j-a)/Rth(j-a)]
TO-92
t (S)
P
SO-8
0.0
0.5
1.0
1.5
2.0
2.5
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,IH,IL [Tj]/IGT,IH,IL [Tj=25°C]
Tj(°C)
I
L & IH
I
GT
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Number of cycles
ITSM(A)
Non repetitive
Tj initial=25°C
Repetitive
T
amb=100°C
One cycle
t=20ms
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25°C
I
TSM
I²t
(ms)
tp


Similar Part No. - ACS102-6T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS102-6T1-TR STMICROELECTRONICS-ACS102-6T1-TR Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
More results

Similar Description - ACS102-6T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
   Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-8SN STMICROELECTRONICS-ACS108-8SN Datasheet
302Kb / 14P
   0.8 A - 800 V overvoltage protected AC switch (ACSTM)
August 2019 - Rev 2
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com