Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR14 Datasheet(PDF) 23 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
CR14
5 Applying the I²C protocol to the CR14 registers
23/46
5.2
I²C Input/Output Frame Register Protocol
Figure 13 shows how to store a PICC request frame command of N Bytes into the Input/Output
Frame Register.
After the I²C STOP condition, the request frame is RF transmitted in the ISO14443 type-B
format. The CR14 then waits for the PICC answer frame which will also be stored in the Input/
Output Frame Register. The request frame is over-written by the answer frame.
Figure 14 shows how to read an N-Byte PICC answer frame.
The two CRC Bytes generated by the PICC are not stored.
The CR14 continues to output data Bytes until a NoACK has been generated by the I²C Host,
and received by the CR14. After all 36 Bytes have been output, the CR14 “rolls over”, and
starts outputting from the start of the Input/Output Frame Register again.
The CR14 supports the I²C Current Address and Random Address Read modes. The Current
Address Read mode can be used if the previous command was issued to the register where the
Read is to take place.
Figure 13. Host-to-CR14 Transfer: I²C Write to Input/Output Frame Register for ISO14443B
Figure 14. CR14-to-Host Transfer: I²C Random Address Read from Input/Output Frame
Register for ISO14443B
S
T
A
R
T
1 0 1 0 XX X
01h
N
S
T
O
P
ACK
ACK
ACK
Request Frame
Length N
Input/Output
Register
Address
Device
Select
Code
Bus
Master
CR14
Write
Bus
Slave
ai12041
R/W
Data 1
Data 2
PICC
Command
Parameter
PICC
Command
Code
Data N
PICC
Command
Parameter
PICC
Command
Parameter
ACK
ACK
ACK
ACK
S
T
A
R
T
10 10 XXX
01h
N
S
T
O
P
ACK
ACK
ACK
Received
Frame
Length
Input/Output
Register
Address
Device
Select
Code
Bus
Master
CR14
Read
Bus
Slave
ai12042
R/W
Data1
Data 2
Answer
Frame
Data
Answer
Frame
Data
Data N
Answer
Frame
Data
Answer
Frame
Data
NoACK
ACK
ACK
ACK
R
E
S
T
A
R
T
1 0 1 0 XXX
Device
Select
Code
R/W
ACK


Similar Part No. - CR14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR14 ETC1-CR14 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Cree, Inc
CR14-22L-30K-10V CREE-CR14-22L-30K-10V Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-30K-S CREE-CR14-22L-30K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-40K-10V CREE-CR14-22L-40K-10V Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-40K-S CREE-CR14-22L-40K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
More results

Similar Description - CR14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision and CRC management
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
CRX14 STMICROELECTRONICS-CRX14 Datasheet
32Kb / 4P
   Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
logo
STMicroelectronics
XRAG2 STMICROELECTRONICS-XRAG2 Datasheet
68Kb / 8P
   UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com