Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR14 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 5Page - STMicroelectronics CR14 Datasheet HTML 6Page - STMicroelectronics CR14 Datasheet HTML 7Page - STMicroelectronics CR14 Datasheet HTML 8Page - STMicroelectronics CR14 Datasheet HTML 9Page - STMicroelectronics CR14 Datasheet HTML 10Page - STMicroelectronics CR14 Datasheet HTML 11Page - STMicroelectronics CR14 Datasheet HTML 12Page - STMicroelectronics CR14 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
CR14
2 Signal description
9/46
2
Signal description
See Figure 1: Logic Diagram, and Table 1: Signal Names, for an overview of the signals
connected to this device.
2.1
Oscillator (OSC1, OSC2)
The OSC1 and OSC2 pins are internally connected to the on-chip oscillator circuit. The OSC1
pin is the input pin, the OSC2 is the output pin. For correct operation of the CR14, it is required
to connect a 13.56MHz quartz crystal across OSC1 and OSC2. If an external clock is used, it
must be connected to OSC1 and OSC2 must be left open.
2.2
Antenna Output Driver (RFOUT)
The Antenna Output Driver pin, RFOUT, generates the modulated 13.56MHz signal on the
antenna. Care must be taken as it will not withstand a short-circuit.
RFOUT has to be connected to the antenna circuitry as shown in Figure 4: CR14 Application
Schematic The LRC antenna circuitry must be connected across the RFOUT pin and GND.
2.3
Antenna Input Filter (RFIN)
The antenna input filter of the CR14, RFIN, has to be connected to the external antenna through
an adapter circuit, as shown in Figure 4.
The input filter demodulates the signal generated on the antenna by the load variation of the
PICC. The resulting signal is then decoded by the 847kHz BPSK decoder.
2.4
Transmitter Reference Voltage (VREF)
The Transmitter Reference Voltage input, VREF, provides a reference voltage used by the output
driver for ASK modulation.
The Transmitter Reference Voltage input should be connected to an external capacitor, as
shown in Figure 4.
2.5
Serial Clock (SCL)
The SCL input pin is used to strobe all I²C data in and out of the CR14. In applications where
this line is used by slave devices to synchronize the bus to a slower clock, the master must
have an open drain output, and a pull-up resistor must be connected from the Serial Clock
(SCL) to VCC. (Figure 5 indicates how the value of the pull-up resistor can be calculated).
In most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the master has a push-pull (rather than open drain)
output.


Similar Part No. - CR14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR14 ETC1-CR14 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Cree, Inc
CR14-22L-30K-10V CREE-CR14-22L-30K-10V Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-30K-S CREE-CR14-22L-30K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-40K-10V CREE-CR14-22L-40K-10V Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-22L-40K-S CREE-CR14-22L-40K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
More results

Similar Description - CR14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision and CRC management
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
CRX14 STMICROELECTRONICS-CRX14 Datasheet
32Kb / 4P
   Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
logo
STMicroelectronics
XRAG2 STMICROELECTRONICS-XRAG2 Datasheet
68Kb / 8P
   UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com