Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1071C12VDC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WJ1071C12VDC
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WJ1071C12VDC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WJ1071C12VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers WJ1071C12VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WJ 107
ISSU: 2000.07.12
COIL DATA (at 20
•)
Nominal
Pick-up
Drop-out
Coil
Nominal operating
Max.Allowable
Voltage
Voltage
Voltage
Resistance
Power
Voltage
(VDC)
VDC(Max)
VDC(Min)
(
•)±10%
(W)
3
2,25
0,15
25
5
3,75
0,25
69
6
4.50
0.30
100
130% of
9
6.75
0.45
225
nominal Voltage
12
9.00
0.60
400
24
18.00
1.20
1600
48
36.00
2.40
6400
DIMENSIONS
Unit: mm
D
REFERENCE DATA
Note: The relative changes for the specification will not be advised in the future.
0.36
10
20
30
40
50
60
0.2 0.3 0.4 0.5 0.6 0. 7 0.8
Co il t emp. ri se
O perate t ime
Release time
2
8
10
12
4
6
0.2 0.3 0.4 0.5 0.6 0. 7 0.8
Opera te
tim e/Releas e
time
Coil power(W)
2
4
6
8
10
12
1
10
100
A C
1 20V
COS¦Õ
= 1
Life E xpe ct an cy
Cur re nt of l o a d (A )


Similar Part No. - WJ1071C12VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ107F CIT-WJ107F Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1212VDC.36 CIT-WJ107F1A1212VDC.36 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1212VDC.45 CIT-WJ107F1A1212VDC.45 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1218VDC.36 CIT-WJ107F1A1218VDC.36 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1218VDC.45 CIT-WJ107F1A1218VDC.45 Datasheet
198Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1071C12VDC

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com