Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11B08BT1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A11B08BT1
Description  DIP PLUG H:6.0mm PITCH:2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A11B08BT1 Datasheet(HTML) 1 Page - DB Lectro Inc

  A11B08BT1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A11b
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - A11B08BT1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A11 DBLECTRO-A11 Datasheet
241Kb / 1P
   DIP PLUG PITCH 2.54mm
logo
Tyco Electronics
A11 MACOM-A11 Datasheet
368Kb / 2P
   Cascadable Amplifier 5 to 1000 MHz
logo
M/A-COM Technology Solu...
A11 MA-COM-A11 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1000 MHz
logo
List of Unclassifed Man...
A11 ETC2-A11 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Micrel Semiconductor
A11 MICREL-A11 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - A11B08BT1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A11 DBLECTRO-A11 Datasheet
241Kb / 1P
   DIP PLUG PITCH 2.54mm
A14 DBLECTRO-A14 Datasheet
231Kb / 1P
   DIP PLUG PITCH:2.54mm
A13 DBLECTRO-A13 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
logo
Tyco Electronics
2-2232875-1 MACOM-2-2232875-1 Datasheet
218Kb / 2P
   GRACE INERTIA CONNECTOR 6.0MM PITCH PLUG HOUSING FOR 2POS. AND 3POS.
logo
Adam Technologies, Inc.
FTR-XX-T ADAM-TECH-FTR-XX-T Datasheet
190Kb / 1P
   IDC DIP PLUG
FTR-XX-T-30-GY ADAM-TECH-FTR-XX-T-30-GY Datasheet
77Kb / 1P
   IDC DIP PLUG
logo
DB Lectro Inc
A29A DBLECTRO-A29A Datasheet
248Kb / 1P
   ULTRA DIP PLUG
logo
Adam Technologies, Inc.
FTR-XX-T-HT ADAM-TECH-FTR-XX-T-HT Datasheet
235Kb / 1P
   IDC DIP PLUG
HFTR-XX-SG ADAM-TECH-HFTR-XX-SG Datasheet
184Kb / 1P
   DIP PLUG CONNECTOR
HFTR-XX-T ADAM-TECH-HFTR-XX-T Datasheet
174Kb / 1P
   DIP PLUG CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com