Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB201 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # SB201
Description  2 AMP SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SB201 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  SB201 Datasheet HTML 1Page - DIOTEC Electronics Corporation SB201 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SB200 - SB210 SERIES
Data Sheet No. BRSB-200-2C
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
2 AMP SILICON BRIDGE RECTIFIERS
Number of Cycles at 60 Hz
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
E12
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.0
0.2
04
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
NOTE 3
1.50
0.50
0
1.00
2.00
2.50
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
60Hz Resistive and Inductive Loads
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
.01
0.1
1.0
10
100
NOTE 1
NOTE 2
NOTES
(1) Bridge Mounted on PC Board With 0.47" Sq. (12mm Sq.)
Copper Pads
(3) T = 25 C; Pulse Width = 300 Sec, 1% Duty Cycle
(4) T = 25 C; f = 1 MHz; V
= 50mV
(2) T = 150 C
m
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
NOTE 4


Similar Part No. - SB201

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
205Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Leshan Radio Company
SB2010 LRC-SB2010 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
219Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Leshan Radio Company
SB2010-E LRC-SB2010-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
More results

Similar Description - SB201

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
   2 AMP SILICON BRIDGE RECTIFIERS
02SB DEC-02SB Datasheet
342Kb / 2P
   2 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
   AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
SB400L DEC-SB400L Datasheet
392Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
   35 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
   2.0 Amp Silicon Bridge Rectifiers
TB151S SECOS-TB151S_15 Datasheet
94Kb / 1P
   1.5 Amp Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com