Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7552BN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LD7552BN
Description  GREEN MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD7552BN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LD7552BN Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 9Page - List of Unclassifed Manufacturers LD7552BN Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Leadtrend Technology Corporation
LD7552-DS-00 February, 2005
Application Information
Operation Overview
The LD7552 is optimized to achieve power saving and
minimize the external components counts. The device
incorporated several functions to make it ideal to use in
switching power supplies and switching adaptors.
Under Voltage Lockout (UVLO)
An UVLO comparator is included to detect the voltage on
the Vcc pin to ensure the supply voltage enough to power
on the LD7552 PWM controller and in addition to drive the
power MOSFET.
As shown in Fig. 6, a hysteresis is
provided to prevent the shutdown from the voltage dip
during startup.
The turn-on and turn-off threshold level are
set at 16V and 11.4V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 6
Startup Current and Startup Circuit
The typical startup circuit as shown in Fig. 7 powers ups the
LD7552.
During the startup transient, the Vcc is lower than
the UVLO threshold thus there is no gate pulse generated
from LD7552 to drive power MOSFET.
Therefore, the
current through R1 is to provide the startup current as well
as charge the capacitor C1.
Whenever the Vcc voltage is
higher enough to power on the LD7552 and further to
deliver the gate drive signal, the supply current is provided
from the auxiliary winding of the transformer.
The lower
startup current requirement on the PWM controller will help
to increase the R1 value and then reduce the power
consumption on R1. By using CMOS process and the
special circuit design, the maximum startup current of
LD7552 is only 25 A.
Theoretically, R1 can be very high resistance value.
However, higher R1 will cause longer startup time. By
properly select the value of R1 and C1, it can be optimized
under the consideration of R1 power consumption and the
startup time.
EMI
Filter
R1
OUT
CS
VCC
GND
LD7552
AC
input
C1
Cbulk
D1
Fig. 7
Current Sensing and Leading-edge Blanking
The typical current mode PWM controller feedbacks both
current signal and voltage signal to close the control loop
and achieve regulation. As shown in Fig. 8, the LD7552
detects the primary MOSFET current from the CS pin, which
is not only for the peak current mode control but also for the
pulse-by-pulse
current
limit.
The
maximum
voltage
threshold of the current sensing pin is set as 0.85V. Thus
the MOSFET peak current can be calculated as:
S
)
MAX
(
PEAK
R
V
85
.
0
I
A 250nS leading-edge blanking time is included in the input
of CS pin to prevent the false-trigger caused by the current
spike and further to eliminate the need of R-C filter which is
usually needed in the typical UC384X application (Fig. 9).


Similar Part No. - LD7552BN

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BGS LEADTREND-LD7552BGS Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BPN LEADTREND-LD7552BPN Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BPS LEADTREND-LD7552BPS Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
More results

Similar Description - LD7552BN

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com