Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7552 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LD7552
Description  GREEN MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD7552 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LD7552 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7552 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2/21/2005
1
Leadtrend Technology Corporation
LD7552-DS-00 February, 2005
Green-Mode PWM Controller
General Description
The LD7552 is a low cost, low startup current, current mode
PWM controller with green-mode power-saving operation.
The integrated functions such as the leading-edge blanking
of the current sensing, internal slope compensation and the
small package provide the users a high efficiency, minimum
external component counts, and low cost solution for AC/DC
power applications.
The special green-mode control does not only achieve low
power consumption but also offer a non-audible-noise
operation when the LD7552 operates under light load or no
load condition.
The LD7552 is designed for the switching adaptor with
30W~60W output. The LD7552 is offered in both SOP-8 and
DIP-8 package.
Patent pending
Features
High-Voltage CMOS Process with Excellent ESD
Protection
Very Low Startup Current (Typical 5 A)
Under Voltage Lockout (UVLO)
Current Mode Control with Cycle-by-Cycle Peak
Current Limiting
Leading-Edge Blanking on CS Pin
Programmable Switching Frequency
Internal Slope Compensation
Proprietary Green-Mode Control for Power Saving
Non-audible-noise Green Mode Control
500mA Driving Capability
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
384X Replacement
Note: Please see Application Information
Typical Application
OSC
16.0V/
11.4V
UVLO
Divider
40V
Control
Logic
EMI
Filter
RT
OUT
CS
VCC
GND
COMP
LD7552
photocoupler
AC
input
TL431


Similar Part No. - LD7552

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BGS LEADTREND-LD7552BGS Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BPN LEADTREND-LD7552BPN Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BPS LEADTREND-LD7552BPS Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
More results

Similar Description - LD7552

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com