Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4650 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4650
Description  Engwinklige LED in MIDLED-Gehause
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4650 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH4650 Datasheet HTML 1Page - OSRAM GmbH SFH4650 Datasheet HTML 2Page - OSRAM GmbH SFH4650 Datasheet HTML 3Page - OSRAM GmbH SFH4650 Datasheet HTML 4Page - OSRAM GmbH SFH4650 Datasheet HTML 5Page - OSRAM GmbH SFH4650 Datasheet HTML 6Page - OSRAM GmbH SFH4650 Datasheet HTML 7Page - OSRAM GmbH SFH4650 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vorl
äufige Daten / Preliminary Data
SFH 4650, SFH 4655
2005-03-087
Empfohlenes L
ötpaddesign
Recommended Solderpad Design
Bauteil positioniert
Component location on pad
1.7
OHF02421
Solder resist
Paddesign for improved
heat dissipation
Cu-area
2
OHF02422
2.4
heat dissipation
Solder resist
Paddesign for improved
Cu-area
2
Component location on pad
Bauteil positioniert


Similar Part No. - SFH4650

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH4650 OSRAM-SFH4650 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650-UV OSRAM-SFH4650-UV Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650EN OSRAM-SFH4650EN Datasheet
481Kb / 13P
   High Power Infrared LED (60 mW)
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
More results

Similar Description - SFH4650

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4600 OSRAM-SFH4600 Datasheet
236Kb / 8P
   Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant
SFH4680 OSRAM-SFH4680 Datasheet
173Kb / 8P
   Engwinklige LED im MIDLED-Geh채use (880 nm)
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
   Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com