Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC355 Datasheet(PDF) 2 Page - Picker Components

Part # PC355
Description  20 Amp Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC355 Datasheet(HTML) 2 Page - Picker Components

  PC355 Datasheet HTML 1Page - Picker Components PC355 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC355
PC355
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
COIL DATA
Coil Voltage
5
6
9
12
18
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
46
67
150
270
600
1100
4267
3.75
4.5
6.75
9.0
13.5
18.0
36.0
0.25
0.30
0.45
0.60
0.90
1.20
2.40
5.5
6.6
9.9
13.2
19.8
26.4
52.8
_
Note: Custom coil voltages within the ranges shown are available on special order.
(29.0)
1.142
(6.73)
.265
(2.35)
.091
(0.5)
.02
(24.5)
.965
(4.8)
.189
(0.5)
.02 Typ
(12.6)
.496
(9.8)
.385
(4.75)
.187
(20.0)
.787
(7.6)
.299
(3.5)
.138
PC Board Pattern
Bottom View
.060 (1.5) Dia. 4 places
Wiring Diagram
Bottom View
(1.0)
.039 Typ.
Side View
End View


Similar Part No. - PC355

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355 SHARP-PC355 Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
logo
List of Unclassifed Man...
PC3550 ETC1-PC3550 Datasheet
69Kb / 2P
   Type of pressure: relative pressure Liquids and gases
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
More results

Similar Description - PC355

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC393 PICKER-PC393 Datasheet
169Kb / 2P
   20 Amp Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
   25 AMP Minature PCB Power Relay
PC372 PICKER-PC372 Datasheet
167Kb / 2P
   10 Amp Minature 2 Pole PCB Power Relay
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
   Minature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com