Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC322-05AJ Datasheet(PDF) 2 Page - Picker Components

Part # PC322-05AJ
Description  Telecom Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC322-05AJ Datasheet(HTML) 2 Page - Picker Components

  PC322-05AJ Datasheet HTML 1Page - Picker Components PC322-05AJ Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC332
PC332
ORDERING INFORMATION
Example:
PC332-
Model
C
B: Single Coil Latching;
C: Dual Coil Latching
05
Coil Voltage
A: Single Side Stable
L
Coil Sensitivity
L: 0.15W;
H: 0.2W
J: Sensitive 0.075W;
M: Sensitive 0.1W *
* Sensitive versions J and M are for single coil latching only.
CHARACTERISTICS
Operate Time
4 ms. typical
Release Time
Insulation Resistance
3 ms. typical
1,000 megohms, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
5 g, 11ms. functional; 10 g, 11ms. destructive
Vibration Resistance
2 g
Power Consumption
Standard 0.15 - 0.2W, Sensitive 0.075 - 0.1W
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 130 degrees C storage
Weight
8 grams approx.
Surge Strength
1500 Volts
(7.62)
.30
(7.62) (5.08)(5.08)
.30
.20 .20
SINGLE SIDE STABLE
SINGLE COIL LATCHING
(7.62)
.30
(5.08)(5.08) (5.08)
.20 .20 .20
.20
(2.54)
DUAL COIL LATCHING
(20.2)
.795
(10.0)
.394
(10.6)
.417
(10.6)
.417
(10.0)
.394
(20.2)
.795
1
4
6
8
16
13
11
9
1
4
6
8
16
13
11
9
2
15
+
-
+
-
+
-
NOTES
1. All parameters, unless otherwise specified, are measured at a 20 degrees C ambient temperature.
2. For the single coil latching version, the wiring diagram shows the reset position. + on terminal 1 and - on terminal 16
will set. Reverse polarity will reset.
3. For the dual coil latching version, energize 1 and 16 to set and 2 and 15 to reset.
max
max
max
max
max
max
5. PC board hole diameter for all holes .035
.005 (.9
.13)
+
_
+
_
4. Tolerances .010 in. unless otherwise noted
+
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2


Similar Part No. - PC322-05AJ

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC322-12 PICKER-PC322-12 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-12H PICKER-PC322-12H Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-12L PICKER-PC322-12L Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-12P PICKER-PC322-12P Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-12PH PICKER-PC322-12PH Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results

Similar Description - PC322-05AJ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
V23079 TEC-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com