Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRA1AOTT4 Datasheet(PDF) 1 Page - Picker Components

Part # PTRA1AOTT4
Description  30 AMP Panel Mount or PCB Power Relay With AC Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRA1AOTT4 Datasheet(HTML) 1 Page - Picker Components

  PTRA1AOTT4 Datasheet HTML 1Page - Picker Components PTRA1AOTT4 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 AMP Panel Mount or PCB Power Relay With AC Coils
FEATURES
Panel or PC mount with QC terminals for the load
Up to 30 amp switching capacity
From 12 to 220 volt AC coils
Up to 2 horsepower rating
UL Class F insulation standard
UL 873 spacing standard
PTRA-T
Epoxy sealed, immersion cleanable
Load Type
General Purpose
Resistive ( 100,000 cycles)
Motor ( 30,000 cycles )
LRA/FLA
Voltage
240 VAC
277 VAC
30 VDC
250 VAC
120 VAC
240 VAC
120 VAC
1 Form A
30 A
20 A
30 A
2 HP
1 1/2 HP
80 A/30 A
98 A/30 A
20 A
20 A
20 A
1 Form C (SPDT)
NO
NC
30 A
20 A
20 A
20 A
30 A
20 A
2 HP
1 1/2 HP
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide), AgSnOInO (Silver Tin Indium Oxide)
50 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
20 ms. max
Release Time
Insulation Resistance
15 ms. max
1,000 megohms min, at 500 VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
0.9W, approx.
Ambient Temperature Range
-55 degrees C to 105 degrees C operating, -55 to 155 degrees C storage
Weight
30 grams approx.
120 VAC
240 VAC
30 A
30 A
80 A/30 A
30 A
30 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
20 A
20 A
20 A
20 A
(locked rotor amps/full load amps)
(SPST-NO)
1 Form B
(SPST-NC)
98 A/30 A
PTRA-T Rev C 4-11-06
PAGE 1
File # E93379
Now available Lead Free & RoHS Compliant


Similar Part No. - PTRA1AOTT4

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRA1A-120 PICKER-PTRA1A-120 Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRA1A-120-1 PICKER-PTRA1A-120-1 Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRA1A-120S PICKER-PTRA1A-120S Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRA1A-120S-1 PICKER-PTRA1A-120S-1 Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRA1A-120ST PICKER-PTRA1A-120ST Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
More results

Similar Description - PTRA1AOTT4

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA PICKER-PTRA Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
PTRA PICKER-PTRA_14 Datasheet
304Kb / 2P
   40 AMP Power PCB Relay With AC Coils
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com