Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7502PFA Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # B7502PFA
Description  75 AMP PRESS FIT HIGH VOLTAGE DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

B7502PFA Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  B7502PFA Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
MECHANICAL DATA
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Data Sheet No. B75PF-1A
75 AMP PRESS FIT HIGH VOLTAGE DIODES
DIOTEC ELECTRONICS CORP
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 5% of Die Area)
HUGE ROUND DIE FOR ULTRA HIGH POWER &
HEAVY DUTY PERFORMANCE
PRESS FIT INTO HEAT SINK TO FURTHER ENHANCE
HEAT HANDLING CAPABILITY
PROPRIETARY HIGH TEMPERATURE JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
LOW THERMAL STRESS STRUCTURE - PASS
5 CYCLE (-55 C TO +150 C) THERMAL SHOCK TEST
ROUND DIE
0.250”
78 Places
Equally
Spaced
0.007”
0.005”
70 Typ.
ALL DIMENSIONS IN INCHES
B7504A
DT
0452
0.052
0.002”
”+
_
0.505 /502
OVER KNURL
1.02”
0.98”
0.401”
0.385”
0.173”
0.157”
0.039”
0.031”
0.194”
0.184”
RoHS
CO
MPLIANT


Similar Part No. - B7502PFA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
B7506-01 HAMAMATSU-B7506-01 Datasheet
196Kb / 2P
   Infrared detector module with preamp
More results

Similar Description - B7502PFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B75PF-1A DIODES-B75PF-1A Datasheet
68Kb / 1P
   75 AMP PRESS FIT HIGH VOLTAGE DIODES
logo
DIOTEC Electronics Corp...
TVS7524PFC DEC-TVS7524PFC Datasheet
285Kb / 1P
   75 AMP PRESS FIT TVS DIODES (PRELIMINARY)
B50PF-1A DEC-B50PF-1A Datasheet
31Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
B6002PFA DEC-B6002PFA Datasheet
193Kb / 1P
   60 AMP PRESS FIT HIGH VOLTAGE DIODES
B60PF-1A DEC-B60PF-1A Datasheet
34Kb / 1P
   60 AMP PRESS FIT HIGH VOLTAGE DIODES
B5002PFA DEC-B5002PFA Datasheet
228Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
TPFD-7501-1A DEC-TPFD-7501-1A Datasheet
31Kb / 1P
   75 AMP 24 VOLT PRESS FIT TVS DIODES
logo
Diodes Incorporated
GP50PF-1A DIODES-GP50PF-1A Datasheet
65Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES (GPP DIE)
GP60PF-1A DIODES-GP60PF-1A Datasheet
68Kb / 1P
   60 AMP PRESS FIT HIGH VOLTAGE DIODES (GPP DIE)
logo
GOOD-ARK Electronics
GAM5001 GOOD-ARK-GAM5001 Datasheet
142Kb / 2P
   High Voltage Press Fit Diodes For Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com