Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH4101CSG Datasheet(PDF) 2 Page - Picker Components

Part # PCH4101CSG
Description  10 Amp Subminature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCH4101CSG Datasheet(HTML) 2 Page - Picker Components

  PCH4101CSG Datasheet HTML 1Page - Picker Components PCH4101CSG Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCH410
PCH410
COIL DATA
Coil Voltage
5
6
12
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
25
70
100
400
1600
6400
3.5
4.2
8.4
16.8
33.6
0.5
0.6
1.2
2.4
4.8
5.5
6.6
13.2
26.4
52.8
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
3
2.1
0.3
3.3
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
225
6.3
0.9
9.9
(12.0)
.472
.078
(2.0)
(12.2)
.480
(22.5)
.886
(16.5)
.650
(17.0)
.669
(3.5)
.138
(1.3)
.051


Similar Part No. - PCH4101CSG

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
PCH4008 NIEC-PCH4008 Datasheet
251Kb / 4P
   400A Avg 800 Volts
logo
NIHON DEMPA KOGYO
PCH400N16 NDK-PCH400N16 Datasheet
830Kb / 4P
   400竊?竊죞g 1600 竊턮lts
PCH400N8 NDK-PCH400N8 Datasheet
815Kb / 4P
   400竊?竊죞g 800 竊턮lts
More results

Similar Description - PCH4101CSG

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC835 PICKER-PC835_14 Datasheet
196Kb / 2P
   10 Amp Subminature PCB Power Relay
PC415 PICKER-PC415_14 Datasheet
203Kb / 2P
   10 AMP Subminature PCB Power Relay
PC835 PICKER-PC835 Datasheet
189Kb / 2P
   10 Amp Subminature PCB Power Relay
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
   12 Amp Subminature PCB Power Relay
PC415 PICKER-PC415 Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC333 PICKER-PC333 Datasheet
178Kb / 2P
   12 Amp Subminature PCB Power Relay
PC415H PICKER-PC415H Datasheet
70Kb / 2P
   15 Amp Subminature PCB Power Relay
PC834 PICKER-PC834 Datasheet
188Kb / 2P
   12 Amp Subminature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
   20 Amp Subminature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com