Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8589AJ Datasheet(PDF) 51 Page - NXP Semiconductors

Part # TDA8589AJ
Description  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8589AJ Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button TDA8589AJ Datasheet HTML 47Page - NXP Semiconductors TDA8589AJ Datasheet HTML 48Page - NXP Semiconductors TDA8589AJ Datasheet HTML 49Page - NXP Semiconductors TDA8589AJ Datasheet HTML 50Page - NXP Semiconductors TDA8589AJ Datasheet HTML 51Page - NXP Semiconductors TDA8589AJ Datasheet HTML 52Page - NXP Semiconductors TDA8589AJ Datasheet HTML 53Page - NXP Semiconductors TDA8589AJ Datasheet HTML 54Page - NXP Semiconductors TDA8589AJ Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
2004 Feb 24
51
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
PACKAGE OUTLINE
UNIT
AD(1)
E(1)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
19
A2
4.65
4.35
bp
0.60
0.45
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT725-1
- - -
- - -
- - -
0
10
20 mm
scale
L
E
A
c
A2
m
L3
L4
L2
Q
w M
bp
d
Z
e1
e2
e
1
37
DBS37P: plastic DIL-bent-SIL power package; 37 leads (lead length 6.8 mm)
SOT725-1
v M
D
x
h
Eh
non-concave
view B: mounting base side
B
D
c
Z(1)
d
ee1
e2
L3
Dh
Eh
Lm
0.5
0.3
42.2
41.7
37.8
37.4
122
15.9
15.5
14
1.15
0.85
L2
3.9
3.1
L4
22.9
22.1
8
3.30
2.65
2.1
1.8
3.4
3.1
4
6.8
Q
j
0.25
w
0.6
v
0.03
x
j
01-11-14
02-11-22


Similar Part No. - TDA8589AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Similar Description - TDA8589AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com