Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8589J Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA8589J
Description  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
2004 Feb 243
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
Ampli
ers
VP1, VP2
operating supply voltage
8
14.4
18V
Iq(tot)
total quiescent current
270
400
mA
Po(max)
maximum output powerRL =4 ;VP = 14.4 V;VIN =2V
RMS square wave
39
41
W
RL =4 ;VP = 15.2 V;VIN =2V
RMS square wave
44
46
W
RL =2 ;VP = 14.4 V;VIN =2V
RMS square wave
64
69
W
THD
total harmonic distortion
0.01
0.1%
Vn(o)(amp)
noise output voltage in ampli
er mode
50
70
V
Vn(o)(LN)
noise output voltage in line driver mode
25
35
V
Voltage regulators
SUPPLY
VP
supply voltage
regulator 1, 3, 4 and 5 on
10
14.4
18V
regulator 2 on4
V
jump starts for t
10 minutes
30V
load dump protection for
t
50 ms and tr
2.5 ms
50V
overvoltage for shut-down
20
V
Iq(tot)
total quiescent supply current
standby mode; VP = 14.4V
150
190
A
VOLTAGE REGULATORS
VO(REG1)
output voltage of regulator 1
0.5 mA
IO
400 mA;
selectable via I2C-bus
IB2[D3:D2] = 01
8.3
V
IB2[D3:D2] = 10
8.5
V
IB2[D3:D2] = 11
8.7
V
VO(REG2)
output voltage of regulator 2
0.5 mA
IO
350 mA
TDA8589J; TDA8589AJ
5.0
V
TDA8589BJ
3.3
V
VO(REG3)
output voltage of regulator 3
0.5 mA
IO
300 mA
TDA8589J
5.0
V
TDA8589AJ; TDA8589BJ
3.3
V
VO(REG4)
output voltage of regulator 4
maximum current
1.6 A;
0.5 mA
IO 800 mA;
selectable via I2C-bus
V
IB2[D7:D5] = 001
5.0
V
IB2[D7:D5] = 010
6.0
V
IB2[D7:D5] = 011
7.0
V
IB2[D7:D5] = 100
8.6
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8588JI2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl