Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8589J Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA8589J
Description  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
2004 Feb 246
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
PINNING
SYMBOL
PIN
DESCRIPTION
PGND2/TAB
1
power ground 2 and connection for heatsink
SDA
2I2C-bus data input and output
OUT3
3
channel 3 negative output
SCL
4I2C-bus clock input
OUT3+
5
channel 3 positive output
VP2
6
power supply voltage 2 to ampli
er
OUT1
7
channel 1 negative output
PGND1
8
power ground1
OUT1+
9
channel 1 positive output
SVR
10
half supply voltage
lter capacitor
IN1
11
channel 1 input
IN3
12
channel 3 input
SGND
13
signal ground
IN4
14
channel 4 input
IN2
15
channel 2 input
ACGND
16
AC ground
OUT2+
17
channel 2 positive output
PGND3
18
power ground3
OUT2
19
channel 2 negative output
VP1
20
power supply voltage 1 to ampli
er
OUT4+
21
channel 4 positive output
STB
22
standby or operating or mute mode select input
OUT4
23
channel 4 negative output
PGND4
24
power ground4
DIAG
25
diagnostic and clip detection output; active LOW
RST
26
reset output
SW2
27
antenna switch; supplies unregulated power to car aerial motor
RESCAP
28
reset delay capacitor
SW1
29
ampli
er switch; supplies unregulated power to amplier(s)
REG1
30
regulator 1 output; supply for audio part of radio and CD player
REG3
31
regulator 3 output; supply for signal processor part (mechanical digital) of CD player
GND
32
combined voltage regulator, power and signal ground
REG4
33
regulator 4 output; supply for mechanical part (mechanical drive) of CD player
REG5
34
regulator 5 output; supply for display part of radio and CD player
VP
35
power supply to voltage regulator
BUCAP
36
connection for backup capacitor
REG2
37
regulator 2 output; supply voltage to microcontroller




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8588JI2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl