Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8589J Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA8589J
Description  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
2004 Feb 244
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
ORDERING INFORMATION
Note
1. Permanent output voltage of regulator 2 and output voltage of regulator 3, respectively.
VO(REG5)
output voltage of regulator 5
0.5 mA
IO
400 mA;
selectable via I2C-bus
IB1[D7:D4] = 0001
6.0
V
IB1[D7:D4] = 0010
7.0
V
IB1[D7:D4] = 0011
8.2
V
IB1[D7:D4] = 0100
9.0
V
IB1[D7:D4] = 0101
9.5
V
IB1[D7:D4] = 0110
10.0
V
IB1[D7:D4] = 0111
10.4
V
IB1[D7:D4] = 1000
12.5
V
IB1[D7:D4] = 1001
VP
1
V
POWER SWITCHES
Vdrop(SW1)
dropout voltage of switch 1IO = 400 mA
0.6
1.1V
Vdrop(SW2)
dropout voltage of switch 2IO = 400 mA
0.6
1.1V
TYPE NUMBER
PACKAGE
OUTPUT VOLTAGE(1)
NAME
DESCRIPTION
VERSION
REGULATOR 2
REGULATOR3
TDA8589J
DBS37P
plastic DIL-bent-SIL power package;
37 leads (lead length 6.8 mm)
SOT725-1
5 V
5V
TDA8589AJ
5 V
3.3V
TDA8589BJ
3.3 V
3.3V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8588JI2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl