Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2504A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK2504A
Description  DS3/STS-1/E3 Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2504A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK2504A Datasheet HTML 2Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 3Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 4Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 5Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 6Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 7Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 8Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 9Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ASAHI KASEI
[AK2504A]
MS0143-E-01
- 6 -
2004/01
PIN DESCRIPTION
Receive
No.
Pin Name
I/O
Function
42
LOSTHR
I
Loss of Signal Threshold Control
(See Table 15)
The voltage forced on this pin controls the input loss-of-signal threshold.
Two settings are provided by forcing VSS or VDD.
14
RLOL
O
Receive PLL Loss-of-Lock
Active High alarm. If the recovered clock frequency is larger than
approximately 0.5% of EXCLK, RLOL alarm goes High.
45
RTIP
I
Receive Tip Input
Receive input for differential AMI signal. Requires a 1:1 transformer.
44
RRING
Receive Ring Input
Receive input for differential AMI signal. Requires a 1:1 transformer.
62
RLOS
O
Receive Loss-of-Signal.
This pin is set high on loss of the incoming signal at RIN.
7
EXCLK
I
External Reference Clock.
A valid DS3/STS-1/E3 clock must be provided at this input. The EXCLK
frequency determines the operating frequency of the device.
20
RCLK
O
Recovered Clock.
22
RNDATA
/LCV
O
Receive Negative Data/Line Code Violation Indicator
This pin’s function depends on the input level.
NRZ = Low : Receive Negative Data output
NRZ = High : Bipolar Violation Output
1 bit period of High level signal is output if a bipolar violation not
corresponding to the appropriate coding rule or a code error is detected in the
incoming data stream. The violation pulse corresponding to the appropriate
coding rule is removed from the incoming data.
21
RPDATA
O
Receive Positive Data
This pin’s function depends on the input level.
NRZ = low : Receive Positive Data output
NRZ = high : NRZ data output
41
RCKPOL
I
RCLK Polarity select.
RCKPOL=L : Received data is output on the rising edge of RCLK.
RCKPOL=H : Received data is output on the falling edge of RCLK.
51
EQDIS
I
Equalizer Disable.
When EQDIS=H, Equalizer is disable.
59
VDDA
-
Power Supply for ADC.
+3.3 volts.
52
VDDV
-
Power Supply for VGA.
+3.3 volts.
53
VSSV
-
Ground for VGA.
0 volts.
4
VDDP
-
Power Supply for PLL.
+3.3 volts
5
VSSP
-
Ground for PLL.
0 volts.
54
VDDB
-
Power Supply for Bandgap Reference.
+3.3 volts.
57
VSSB
-
Ground for Bandgap Reference.
0 volts.


Similar Part No. - AK2504A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK2504A ETC-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/ES Transceiver
More results

Similar Description - AK2504A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
   Triple E3/DS3/STS-1 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1345S PCA-EPR1345S Datasheet
76Kb / 1P
   DS3/E3/STS-1 Isolation Transformer
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
   T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com