Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRH1A12 Datasheet(PDF) 1 Page - Picker Components

Part # PTRH1A12
Description  30 AMP Power PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRH1A12 Datasheet(HTML) 1 Page - Picker Components

  PTRH1A12 Datasheet HTML 1Page - Picker Components PTRH1A12 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 AMP Power PCB Relay
FEATURES
Most popular power PCB relay
Up to 30 amp switching capacity
Gold flashed contacts available
Up to 2 horsepower rating
UL Class B insulation standard
UL Class F insulation available
PTRH
Available with UL 873 spacing
Load Type
General Purpose
Resistive ( 100,000 cycles)
Motor ( 30,000 cycles )
LRA/FLA
Voltage
120 VAC
250 VAC
30 VDC
250 VAC
120 VAC
250 VAC
120 VAC
1 Form A
30 A
30 A
30 A
2 HP
1 HP
80 A/30 A
96 A/30 A
1 Form B
20 A
20 A
20 A
1 Form C (SPDT)
NO
NC
30 A
30 A
30 A
2 HP
1 HP
96 A/30 A
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide), AgSnOInO (Silver Tin Oxide Indium Oxide)
50 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
Less than 15 ms.
Release Time
Insulation Resistance
Les than 10 ms.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts (2500 Vrms for -1)
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
0.9W, approx.
Ambient Temperature Range
-55 degrees C to 85 degrees C operating for class B, -40 to 130 degrees C storage
Weight
30 grams approx.
120 VAC
250 VAC
30 A
30 A
80 A/30 A
30 A
30 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Epoxy sealed, immersion cleanable
(SPST-NO)
(SPST-NC)
(locked rotor amps/full load amps)
PTRH Rev D 3-25-04
PAGE 1
20 A
20 A
20 A
20 A
20 A
20 A
20 A
File # E93379
Now available Lead Free & RoHS Compliant


Similar Part No. - PTRH1A12

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH1A-12CFT2 PICKER-PTRH1A-12CFT2 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1A-12CFT3 PICKER-PTRH1A-12CFT3 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1A-12CFT4 PICKER-PTRH1A-12CFT4 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1A-12CGFT2 PICKER-PTRH1A-12CGFT2 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1A-12CGFT3 PICKER-PTRH1A-12CGFT3 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
More results

Similar Description - PTRH1A12

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
   30 Amp Power PCB Relay
PTRH-T PICKER-PTRH-T_15 Datasheet
272Kb / 2P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_16 Datasheet
1Mb / 3P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT Datasheet
2Mb / 2P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_17 Datasheet
4Mb / 4P
   30 Amp Power PCB Relay
PC537 PICKER-PC537_15 Datasheet
516Kb / 2P
   Ultraminiature 30 Amp Automotive PCB Power Relay
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com