Part Name
         Description
D1A050000

 Dual Inline Pack Reed Relay ( 2 Page)


PICKER
100% 
Zoom Out Zoom In
   
 1 page
background image
Dual Inline Pack Reed Relay
FEATURES
Solid Epoxy Body
Industry standard DIP spacing
Completely sealed, Immersion cleanable
Automatic insertion compatible
Magnetic shield available
Diode accross the coil available
D SERIES
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
D SERIES Rev A 6-6-02
PAGE 1
UL recognized and certified for Canada
File # E86876
Contact Resistance
100 milliohms Max. initial
Operate Time
0.5 mSec. Max..
Bounce Time
0.5 mSec. Max.
Release Time
0.2 mSec. Max.
Insulation Resistance
10
11 Ohm Min.
Power
10 VA Max.
Switching Voltage
200 VDC Max.
Switching Current
0.5 Amps Max.
Carry Current
1.0 Amps Max.
Life Expectancy
10
8 (Signal Level)
Minimum Breakdown Voltage
250 VDC Across open contacts
500 VDC Between coil and contacts
Operating Temperature
- 40 to +85 Degrees C.
Storage Temperature
-50 to +125 Degrees C
Minimum Permissible Load
100m VDC / 10 microamps
Vibration
20 G (10 TO 2,000HZ)
Shock
30 G (11ms 1/2 sine wave)
Resonant Frequency
3.5 K HZ
3.5 K HZ
30 G (11ms 1/2 sine wave)
20 G (10 TO 2,000HZ)
100 mVDC / 10 microamps
-50 TO +125 Degrees C
-40 TO +85 Degrees C
500 VDC between coil and contacts
200 VDC across open contacts
5X107 (signal level)
0.5 Amps Max.
0.25 Amps Max.
100 VDC Max.
3 VA Max.
10
9 Ohms Min.
0.2 mSec. Max.
2.0 mSec. Max.
1.0 mSec. Max.
150 milliohms Max. initial
CHARACTERITICS
1A, 1B, 2A
1C



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S1A050000Single Inline Pack Reed Relay 1 2 Picker Components
LH1502BBDual 1 Form A/B C Solid State Relay 1 2 3 Vishay Siliconix
LAA127LDUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PBA150DUAL POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
AD4C211-LDual 1 Form A Solid State Relay 1 2 3 4 5 Solid State Optronic
PVT322Microelectronic Power IC Relay Dual Pole Normally Open 0-250V 170mA AC/DC 1 2 3 4 International Rectifier
DIC121000REED RELAY 1 COSMO Electronics Corporation
D1B240000REED RELAY 1 COSMO Electronics Corporation
SS1A120000Reed Relay 1 COSMO Electronics Corporation
LBA110DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl