Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN1D873 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XN1D873
Description  Silicon N-channel junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN1D873 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN1D873 Datasheet HTML 1Page - Panasonic Semiconductor XN1D873 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Composite Transistors
PT — Ta
ID — VDS
ID — VGS
| Yfs | — VGS
| Yfs | — ID
Ciss, Crss, Coss — VDS
XN1D873
0
100
200
300
400
500
0
40
80
120
160
Ambient temperature Ta (˚C)
06
15
24
3
Drain to source voltage VDS (V)
0
0.5
1.0
1.5
2.5
2.0
Ta=25˚C
– 0.4V
– 0.3V
– 0.2V
– 0.1V
VGS=0V
Gate to source voltage VGS (V)
–1.2
0
–1.0
– 0.2
–0.8
–0.4
–0.6
0
0.5
1.0
1.5
2.5
2.0
Ta=–25˚C
25˚C
75˚C
Gate to source voltage VGS (V)
0
1
2
3
5
4
–1.6
–1.2
– 0.8
– 0.4
0
VDS=10V
Ta=25˚C
IDSS=10mA
0
0.5
1.0
1.5
2.5
2.0
02468
Drain current ID (mA)
VDS=10V
Ta=25˚C
IDSS=10mA
0
1
10
8
6
4
2
10
100
Drain to source voltage VDS (V)
VGS=0
f=1MHz
Ta=25˚C
Ciss
Crss
Coss


Similar Part No. - XN1D873

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1110 PANASONIC-XN1110 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1112 PANASONIC-XN1112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1112 PANASONIC-XN1112 Datasheet
77Kb / 3P
   Silicon PNP epitaxial planar type For switching/digital circuits
XN1113 PANASONIC-XN1113 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - XN1D873

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com