Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BWR-15-670-D48A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BWR-15-670-D48A
Description  DUAL OUTPUT A-SERIES, BWR MODELS HIGH-RELIABILITY, 2 X 2 15-20 WATT, DC/DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BWR-15-670-D48A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BWR-15-670-D48A Datasheet HTML 1Page - List of Unclassifed Manufacturers BWR-15-670-D48A Datasheet HTML 2Page - List of Unclassifed Manufacturers BWR-15-670-D48A Datasheet HTML 3Page - List of Unclassifed Manufacturers BWR-15-670-D48A Datasheet HTML 4Page - List of Unclassifed Manufacturers BWR-15-670-D48A Datasheet HTML 5Page - List of Unclassifed Manufacturers BWR-15-670-D48A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - BWR-15-670-D48A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BWR-15-670-D48A MURATA-BWR-15-670-D48A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
More results

Similar Description - BWR-15-670-D48A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
UWR-12-830-D12A-C MURATA-UWR-12-830-D12A-C Datasheet
139Kb / 6P
   Single Output, High Reliability, 2" x 1", 6-10 Watt, DC/DC Converters
UWR-5 MURATA-UWR-5 Datasheet
145Kb / 6P
   Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com