Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C256AL-12JI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61C256AL-12JI
Description  32K X 8 HIGH-SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AL-12JI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61C256AL-12JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C256AL-12JI Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGING INFORMATION
ISSI®
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
02/25/03
MILLIMETERS
INCHES
Sym.
Min. Typ. Max.
Min. Typ. Max.
N0.
Leads
28
A
3.56
0.140
A1
0.64
0.025
A2
2.41
2.67
0.095
0.105
b
0.41
0.51
0.016
0.020
B
0.66
0.81
0.026
0.032
C
0.20
0.25
0.008
0.010
D
18.29
18.54
0.720
0.730
E
8.26
8.76
0.325
0.345
E1
7.49
7.75
0.295
0.305
E2
6.27
7.29
0.247
0.287
e
1.27 BSC
0.050 BSC
MILLIMETERS
INCHES
Sym.
Min. Typ. Max.
Min. Typ. Max.
N0.
Leads
32
A
3.56
0.140
A1
0.64
0.025
A2
2.41
2.67
0.095
0.105
b
0.41
0.51
0.016
0.020
B
0.66
0.81
0.026
0.032
C
0.20
0.25
0.008
0.010
D
20.83
21.08
0.820
0.830
E
8.26
8.76
0.325
0.345
E1
7.49
7.75
0.295
0.305
E2
6.27
7.29
0.247
0.287
e
1.27 BSC
0.050 BSC
300-mil Plastic SOJ
Package Code: J


Similar Part No. - IS61C256AL-12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL-12JI ISSI-IS61C256AL-12JI Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AL-12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com