Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C256AL-10JL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61C256AL-10JL
Description  32K X 8 HIGH-SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AL-10JL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61C256AL-10JL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C256AL-10JL Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
02/25/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
300-mil Plastic SOJ
Package Code: J
Notes:
1. Controlling dimension: inches, unless otherwise
specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash
protrusions and
shouldbemeasuredfromthebottomof
thepackage.
4. Formed leads shall be planar with respect to one
another within 0.004 inches at the seating plane.
MILLIMETERS
INCHES
Sym.
Min. Typ. Max.
Min. Typ. Max.
N0.
Leads
24/26
A
3.56
0.140
A1
0.64
0.025
A2
2.41
2.67
0.095
0.105
b
0.41
0.51
0.016
0.020
B
0.66
0.81
0.026
0.032
C
0.20
0.25
0.008
0.010
D
17.02
17.27
0.670
0.680
E
8.26
8.76
0.325
0.345
E1
7.49
7.75
0.295
0.305
E2
6.27
7.29
0.247
0.287
e
1.27 BSC
0.050 BSC
SEATING PLANE
1
N
E1
D
E2
E
b
e
A1
A
B
C
A2


Similar Part No. - IS61C256AL-10JL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL-10JL ISSI-IS61C256AL-10JL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AL-10JL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com